Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1121SCTL-H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SA1121SCTL-H
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1121SCTL-H Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SA1121SCTL-H Datasheet HTML 1Page - Renesas Technology Corp 2SA1121SCTL-H Datasheet HTML 2Page - Renesas Technology Corp 2SA1121SCTL-H Datasheet HTML 3Page - Renesas Technology Corp 2SA1121SCTL-H Datasheet HTML 4Page - Renesas Technology Corp 2SA1121SCTL-H Datasheet HTML 5Page - Renesas Technology Corp 2SA1121SCTL-H Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1121
Preliminary
R07DS0271EJ0400 Rev.4.00
Page 2 of 5
Jan 10, 2014
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
–35
V
IC = –10
μA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
–35
V
IC = –1 mA, RBE =
Emitter to base breakdown voltage
V(BR)EBO
–4
V
IE = –10
μA, IC = 0
Collector cutoff current
ICBO
–0.5
μA
VCB = –20 V, IE = 0
Collector to emitter saturation voltage
VCE(sat)
–0.2
–0.6
V
IC = –150 mA, IB = –15 mA
DC current transfer ratio
hFE*
1
100
320
VCE = –3 V, IC = –10 mA
hFE
10
VCE = –3 V, IC = –500 mA
(Pulse test)
Base to emitter voltage
VBE
–0.64
V
VCE = –3 V, IC = –10 mA
Note:
1. The 2SA1121 is grouped by hFE as follows.
Grade
C
D
Mark
SC
SD
hFE
100 to 200
160 to 320


Similar Part No. - 2SA1121SCTL-H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1121SCTL-H RENESAS-2SA1121SCTL-H Datasheet
92Kb / 6P
   Silicon PNP Epitaxial
More results

Similar Description - 2SA1121SCTL-H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com