Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8696 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM8696
Description  Microprocessor Supervisory Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8696 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM8696_15 Datasheet HTML 5Page - Analog Devices ADM8696_15 Datasheet HTML 6Page - Analog Devices ADM8696_15 Datasheet HTML 7Page - Analog Devices ADM8696_15 Datasheet HTML 8Page - Analog Devices ADM8696_15 Datasheet HTML 9Page - Analog Devices ADM8696_15 Datasheet HTML 10Page - Analog Devices ADM8696_15 Datasheet HTML 11Page - Analog Devices ADM8696_15 Datasheet HTML 12Page - Analog Devices ADM8696_15 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ADM8696/ADM8697
–9–
APPLICATIONS INFORMATION
Increasing the Drive Current (ADM8696)
If the continuous output current requirements at VOUT exceeds
100 mA or if a lower VCC–VOUT voltage differential is desired,
an external PNP pass transistor may be connected in parallel
with the internal transistor. The BATT ON output (ADM8696)
can directly drive the base of the external transistor.
BATTERY
+5V
INPUT
POWER
0.1µF
PNP
TRANSISTOR
0.1µF
VOUT
VCC
BATT
ON
VBATT
ADM8696
Figure 14. Increasing the Drive Current
Using a Rechargeable Battery for Backup (ADM8696)
If a capacitor or a rechargeable battery is used for backup, the
charging resistor should be connected to VOUT since this elimi-
nates the discharge path that would exist during power-down if
the resistor is connected to VCC.
VOUT
VCC
RECHARGABLE
BATTERY
+5V
INPUT
POWER
0.1µF
0.1µF
VBATT
ADM8696
R
R
VOUT – VBATT
I =
Figure 15. Rechargeable Battery
Adding Hysteresis to the Power Fail Comparator
For increased noise immunity, hysteresis may be added to the
power fail comparator. Since the comparator circuit is nonin-
verting, hysteresis can be added by connecting a resistor be-
tween the PFO output and the PFI input as shown in Fig-
ure 16. When PFO is low, resistor R3 sinks current from the
summing junction at the PFI pin. When PFO is high, the series
combination of R3 and R4 source current into the PFI summing
junction. This results in differing trip levels for the comparator.
Alternate Watchdog Input Drive Circuits
The watchdog feature can be enabled and disabled under pro-
gram control by driving WDI with a three-state buffer (Figure
17a). When three-stated, the WDI input will float, thereby dis-
abling the watchdog timer.
This circuit is not entirely foolproof and it is possible a software
fault could erroneously three-state the buffer. This would pre-
vent the ADM869x from detecting that the microprocessor is no
longer operating correctly. In most cases, a better method is to
ADM869x
R2
1.3V
R1
PFO
7805
R4
R3
+7V TO +15V
INPUT
POWER
+5V
PFI
VCC
TO
µP NMI
VH = 1.3V (1+ ––– + ––– )
VL = 1.3V (1+ ––– – ––––––––––––– )
ASSUMING R4 < < R3 THEN
HYSTERESIS VH – VL = 5V (––– )
R1
R2
R1
R3
R1
R2
R1
R2
R1 (5V – 1.3V)
1.3V (R3 + R4)
Figure 16. Adding Hysteresis to the Power Fail Comparator
extend the watchdog period rather than disabling the watchdog.
This may be done under program control using the circuit
shown in Figure 17b. When the control input is high, the OSC
SEL pin is low and the watchdog timeout is set by the external
capacitor. A 0.01
µF capacitor sets a watchdog timeout delay of
100 s. When the control input is low, the OSC SEL pin is
driven high, selecting the internal oscillator. The 100 ms or the
1.6 s period is chosen, depending on which diode in Fig-
ure 17b is used. With D1 inserted, the internal timeout is set at
100 ms while with D2 inserted the timeout is set at 1.6 s.
WDI
ADM869x
WATCHDOG
STROBE
CONTROL
INPUT
Figure 17a. Programming the Watchdog Input
OSC IN
OSC SEL
ADM869x
CONTROL
INPUT*
D1
D2
*LOW = INTERNAL TIMEOUT
HIGH = EXTERNAL TIMEOUT
Figure 17b. Programming the Watchdog Input
REV. A


Similar Part No. - ADM8696_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8696AN AD-ADM8696AN Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM8696ARU AD-ADM8696ARU Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM8696ARW AD-ADM8696ARW Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM8696_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com