Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM8692 Datasheet(PDF) 9 Page - Analog Devices

Part No. ADM8692
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM8692 Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 9 of 20
TIME (µs)
6
5
0
1.35
1.25
2
1
4
3
VCC = 5V
TA = 25°C
PFO
VPFI
1.3V
30pF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
PFI
PFO
Figure 11. Power-Fail Comparator Response Time Falling
TIME (µs)
6
5
0
1.35
1.25
2
1
4
3
0
10
20
30
40
50
60
70
80
PFO
PFI
PFO
VPFI
1.3V
30pF
VCC = 5V
TA = 25°C
90
Figure 12. Power-Fail Comparator Response Time Rising
TIME (µs)
6
5
0
1.35
1.25
2
1
4
3
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
PFO
5V
VPFI
1.3V
10k
30pF
VCC = 5V
TA = 25°C
PFI
PFO
Figure 13. Power-Fail Comparator Response Time with Pull-Up Resistor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn