Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM8692 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADM8692
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM8692 Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
5.00
4.94
4.99
4.98
4.97
4.96
4.95
IOUT (mA)
10
20
30
40
50
60
70
80
90
100
Figure 5. VOUT vs. IOUT Normal Operation
2.800
2.786
2.798
2.794
2.792
2.790
2.788
2.796
IOUT (µA)
150
250
350
450
550
650
750
850
950
1050
Figure 6. VOUT vs. IOUT Battery Backup
10
90
100
0%
A4
3.36V
1V
1V
500ms
Figure 7. Reset Output Voltage vs. Supply Voltage
TEMPERATURE (°C)
1.315
1.295
1.280
1.290
1.285
1.310
1.305
1.300
–60
–30
0
30
60
90
120
Figure 8. PFI Input Threshold vs. Temperature
TEMPERATURE (°C)
53
52
49
51
50
VCC = 5V
ADM8690/
ADM8691/
ADM8692/
ADM8693
20
40
60
80
100
120
Figure 9. Reset Active Time vs. Temperature
4.69
4.67
4.55
4.65
4.63
4.61
4.59
4.57
TEMPERATURE (°C)
VCC = 5V
–60
–30
0
30
60
90
120
Figure 10. Reset Voltage Threshold vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn