Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8691 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM8691
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8691 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM8691_15 Datasheet HTML 12Page - Analog Devices ADM8691_15 Datasheet HTML 13Page - Analog Devices ADM8691_15 Datasheet HTML 14Page - Analog Devices ADM8691_15 Datasheet HTML 15Page - Analog Devices ADM8691_15 Datasheet HTML 16Page - Analog Devices ADM8691_15 Datasheet HTML 17Page - Analog Devices ADM8691_15 Datasheet HTML 18Page - Analog Devices ADM8691_15 Datasheet HTML 19Page - Analog Devices ADM8691_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 17 of 20
(200 ms for the ADM8695) to allow for this oscillator start-up
time. If a different reset pulse width is required, a capacitor
should be connected to OSC IN, or an external clock can be
used. Refer to Table 5 and Figure 17, Figure 18, Figure 19, and
Figure 20. The manual reset switch and the 0.1 µF capacitor
connected to the reset line can be omitted if a manual reset is
not needed. An inverted, active high, RESET output is also
available.
POWER-FAIL DETECTOR
The 5 V VCC power line is monitored via a resistive potential
divider connected to the power-fail input (PFI). When the
voltage at PFI falls below 1.3 V, the power-fail output (PFO)
drives the processor’s NMI input low. If, for example, a power-
fail threshold of 4.8 V is set with Resistor R1 and Resistor R2, the
microprocessor has the time when VCC falls from 4.8 V to 4.65 V
to save data into RAM. An earlier power-fail warning can be
generated if the unregulated dc input to the 5 V regulator is
available for monitoring. This allows more time for microprocessor
housekeeping tasks to be completed before power is lost.
RAM WRITE PROTECTION
The ADM8691/ADM8693/ADM8695 CEOUT line drives the
chip select inputs of the CMOS RAM. CEOUT follows CEIN as
long as VCC is above the 4.65 V (4.4 V for the ADM8693) reset
threshold.
If VCC falls below the reset threshold, CEOUT goes high,
independent of the logic level at CEIN. This prevents the
microprocessor from writing erroneous data into RAM during
power-up, power-down, brownouts, and momentary power
interruptions.
WATCHDOG TIMER
The microprocessor drives the watchdog input (WDI) with an
input/output line. When OSC IN and OSC SEL are unconnected,
the microprocessor must toggle the WDI pin once every
1.6 seconds to verify proper software execution. If a hardware
or software failure occurs such that WDI is not toggled, the
ADM8691/ADM8693 issues a 50 ms (200 ms for the ADM8695)
RESET pulse after 1.6 seconds. This typically restarts the micro-
processor power-up routine. A new RESET pulse is issued every
1.6 seconds until WDI is again strobed. If a different watchdog
timeout period is required, a capacitor should be connected to
OSC IN or an external clock can be used. Refer to Table 5 and
Figure 17, Figure 18, Figure 19, and Figure 20.
The watchdog output (WDO) goes low if the watchdog timer is
not serviced within its timeout period. Once WDO goes low, it
remains low until a transition occurs at WDI. The watchdog
timer feature can be disabled by leaving WDI unconnected.
The RESET output has an internal 3 µA pull-up and can either
connect to an open collector reset bus or directly drive a CMOS
gate without an external pull-up resistor.


Similar Part No. - ADM8691_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8691AN AD-ADM8691AN Datasheet
207Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8691AN AD-ADM8691AN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8691ANZ AD-ADM8691ANZ Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
ADM8691ARN AD-ADM8691ARN Datasheet
207Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8691ARN AD-ADM8691ARN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM8691_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com