Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM8617 Datasheet(PDF) 10 Page - Analog Devices

Part No. ADM8617
Description  Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8617 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM8617_15 Datasheet HTML 4Page - Analog Devices ADM8617_15 Datasheet HTML 5Page - Analog Devices ADM8617_15 Datasheet HTML 6Page - Analog Devices ADM8617_15 Datasheet HTML 7Page - Analog Devices ADM8617_15 Datasheet HTML 8Page - Analog Devices ADM8617_15 Datasheet HTML 9Page - Analog Devices ADM8617_15 Datasheet HTML 10Page - Analog Devices ADM8617_15 Datasheet HTML 11Page - Analog Devices ADM8617_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM8616/ADM8617
Rev. B | Page 10 of 12
OUTLINE DIMENSIONS
*PACKAGE OUTLINE CORRESPONDS IN FULL TO EIAJ SC82
EXCEPT FOR WIDTH OF PIN 2 AS SHOWN.
0.30
0.15
0.10 MAX
1.00
0.80
SEATING
PLANE
0.18
0.10
0.30
0.10
0.10 COPLANARITY
2
4
3
1
2.20
1.80
PIN 1
0.50 BSC
*0.70
0.50
1.35
1.15
2.40
1.80
1.10
0.80
0.65 BSC
0.40
0.10
12°
Figure 16. 4-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-4)
Dimensions shown in millimeters
ADM861
KS -RL7
ORDERING QUANTITY
RL7: 3,000 PIECE REEL
GENERIC NUMBER
(6/7)
PACKAGE CODE
KS: 4-LEAD SC70
Z: LEAD FREE
WATCHDOG TIMEOUT PERIOD
W: 6.3ms (TYP)
X: 102ms (TYP)
Y: 1.6s (TYP)
RESET THRESHOLD
L: 4.63V
M: 4.38V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Y: 2.19V
W: 1.67V
V: 1.58V
RESET TIMEOUT PERIOD
A: 1ms (MIN)
B: 20ms (MIN)
C: 140ms (MIN)
D: 1120ms (MIN)
TEMPERATURE RANGE
A: –40°C TO +85°C
xx x x x
x
Figure 17. Ordering Code Structure
ORDERING GUIDE
Model1
Reset
Threshold (V)
Temperature Range
Quantity
Package
Description
Package Option
Branding
ADM8616LCYAKSZ-RL72
4.63
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616MCYAKSZ-RL72
4.38
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616TCYAKSZ-RL72
3.08
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616SCYAKSZ-RL72
2.93
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616RCYAKSZ-RL72
2.63
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616ZCYAKSZ-RL72
2.32
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616YCYAKSZ-RL72
2.19
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616WCYAKSZ-RL72
1.67
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8616VCYAKSZ-RL72
1.58
−40°C to +85°C
3,000
4-Lead SC70
KS-4
N0F
ADM8617SAYAKSZ-RL72
2.93
−40°C to +85°C
3,000
4-Lead SC70
KS-4
M4X
ADM8617RCYAKSZ-RL72
2.63
−40°C to +85°C
3,000
4-Lead SC70
KS-4
M4X
1 If ordering nonstandard models, complete the ordering code shown in Figure 17 by inserting reset threshold, reset timeout, and watchdog timeout suffixes. Contact
Sales for availability of nonstandard models.
2 Z = Pb-free part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn