Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM8617 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADM8617
Description  Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8617 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM8617_15 Datasheet HTML 2Page - Analog Devices ADM8617_15 Datasheet HTML 3Page - Analog Devices ADM8617_15 Datasheet HTML 4Page - Analog Devices ADM8617_15 Datasheet HTML 5Page - Analog Devices ADM8617_15 Datasheet HTML 6Page - Analog Devices ADM8617_15 Datasheet HTML 7Page - Analog Devices ADM8617_15 Datasheet HTML 8Page - Analog Devices ADM8617_15 Datasheet HTML 9Page - Analog Devices ADM8617_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM8616/ADM8617
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
10.0
9.5
7.5
7.0
6.5
9.0
8.5
8.0
6.0
5.5
5.0
4.5
4.0
3.5
VCC = 5V
VCC = 3.3V
VCC = 1.5V
Figure 3. Supply Current vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
1.20
1.15
1.10
1.05
0.95
1.00
0.90
0.85
0.80
Figure 4. Normalized RESET Timeout Period vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
100
90
80
60
70
40
50
20
10
30
0
Figure 5. VCC to RESET Output Delay vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
1.20
1.15
1.10
1.05
1.00
0.95
0.90
Figure 6. Normalized Watchdog Timeout Period vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
1.05
1.03
1.04
1.01
1.02
0.99
1.00
0.97
0.98
0.95
0.96
Figure 7. Normalized RESET Threshold vs. Temperature
RESET THRESHOLD OVERDRIVE (mV)
1000
10
100
160
120
140
100
60
80
20
40
0
VCC = 4.63V
VCC = 2.93V
Figure 8. Maximum VCC Transient Duration vs. RESET Threshold Overdrive


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn