Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7228CMJI883B Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICM7228CMJI883B
Description  8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7228CMJI883B Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICM7228CMJI883B Datasheet HTML 4Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 5Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 6Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 7Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 8Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 9Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 10Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 11Page - Intersil Corporation ICM7228CMJI883B Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
9-24
FIGURE 7. COMMON CATHODE DIGIT DRIVER IDIG vs VDIG
FIGURE 8. COMMON CATHODE SEGMENT DRIVER ISEG vs
(VDD - VSEG)
TABLE 1. ICM7228A PIN ASSIGNMENTS AND DESCRIPTIONS
PIN NO.
NAME
FUNCTION
DESCRIPTION
1
SEG c
Output
LED Display Segments c, e, b and Decimal Point Drive Lines.
2
SEG e
3
SEG b
4DP
5
ID6,
(HEXA/CODE B)
Input
When “MODE” Low: Display Data Input, Bit 7.
When “MODE” High: Control Bit, Decoding Scheme Selection: High, Hexadecimal
Decoding; Low, Code B Decoding.
6
ID5, (DECODE)
Input
When “MODE” Low: Display Data Input, Bit 6.
When “MODE” High: Control Bit, Decode/No Decode Selection: High, No Decode; Low, Decode.
7
ID7,
(DATA COMING)
Input
When “MODE” Low: Display Data Input, Bit 8, Decimal Point Data.
When “MODE” High: Control Bit, Sequential Data Update Select: High, Data Coming; Low,
No Data Coming.
8
WRITE
Input
Data Input Will Be Written to Control Register or Display RAM on Rising Edge of WRITE.
9
MODE
Input
Selects Data to Be Loaded to Control Register or Display RAM: High, Loads Control
Register; Low, Loads Display RAM.
10
ID4,
(SHUTDOWN)
Input
When “MODE” Low: Display Data Input, Bit 5.
When “MODE” High: Control Bit, Low Power Mode Select: High, Normal Operation; Low,
Oscillator and Display Disabled.
11
ID1
Input
When “MODE” Low: Display Data Input, Bit 2.
When “MODE” High and “ID7 (DATA COMING)” Low: Digit Address, Bit 2, Single Digit
Update Mode.
12
ID0
Input
When “MODE” Low: Display Data Input, Bit 1.
When “MODE” High and “ID7 (DATA COMING)” Low: Digit Address, LSB, Single Digit
Update Mode.
13
ID2
Input
When “MODE” Low: Display Data Input, Bit 3.
When “MODE” High and “ID7 (DATA COMING)” Low: Digit Address, MSB, Single Digit
Update Mode.
14
ID3
Input
When “MODE” Low: Display Data Input, Bit 4.
When “MODE” High: RAM Bank Select (Decode Modes Only): High, RAM Bank A; Low,
RAM Bank B
Typical Performance Curves (Continued)
VDIG (V)
300
200
100
0
0
1.0
2.0
3.0
4.0
5.0
-55oC
25oC
125oC
VDD-VSEG (V)
0
10
20
30
40
50
0
1.0
2.0
3.0
4.0
5.0
-55oC
25oC
125oC
ICM7228


Similar Part No. - ICM7228CMJI883B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228CIBI INTERSIL-ICM7228CIBI Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228CIBI INTERSIL-ICM7228CIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7228CIBI RENESAS-ICM7228CIBI Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7228CIBIZ INTERSIL-ICM7228CIBIZ Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228CIBIZ INTERSIL-ICM7228CIBIZ Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
More results

Similar Description - ICM7228CMJI883B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com