Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IH6108 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. IH6108
Description  8-Channel CMOS Analog Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

IH6108 Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
12-132
Switching Information
FIGURE 4. ENABLE INPUT STROBING FROM TTL LOGIC
FIGURE 5. ENABLE INPUT DRIVEN FROM CMOS LOGIC
FIGURE 6. IH6108 CONNECTION DIAGRAM FOR LESS THAN
±15V SUPPLY OPERATION
+5V
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
-15V
S2
S3
S4
A1
S5
S6
S7
A2
S8
+15V
S1
D
1k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DM7404N
TTL LOGIC
VOUT
IH6108
0V
+3V
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
-15V
S2
S3
S4
A1
S5
S6
S7
A2
S8
+15V
S1
D
IH6108
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
+5V
CD4009
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
-12V
S2
S3
S4
A1
S5
S6
S7
A2
S8
+12V
S1
(VOUT) D
IH6108
INPUTS
INPUTS
1N914
IH6108


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn