Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM4850 Datasheet(PDF) 16 Page - Analog Devices

Part No. ADM4850
Description  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM4850 Datasheet(HTML) 16 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 16 of 16
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
ADM4850ACPZ-REEL7
−40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
M8Q
ADM4850ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4850ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4850ARMZ
−40°C to +85°C
8-Lead MSOP
RM-8
M8Q
ADM4850ARMZ-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
M8Q
ADM4851ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4851ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4852ACPZ-REEL7
−40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
M9M
ADM4852ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4852ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4853ACPZ-REEL7
−40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
F0B
ADM4853ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4853ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4853WARZ-RL7
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4854ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4855AR-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4855ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4856ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4856ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4857ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM4857ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
2 W = qualified for automotive products.
AUTOMOTIVE PRODUCT
The AD
M4853WARZ-RL7 model is available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for this model.
©2004–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04931-0-1/12(D)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn