Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM4850 Datasheet(PDF) 11 Page - Analog Devices

Part No. ADM4850
Description  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM4850 Datasheet(HTML) 11 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 11 of 16
TEST CIRCUITS
VOD
R
R
VOC
Figure 18. Driver Voltage Measurement
VOD3
60Ω
375Ω
375Ω
VTST
Figure 19. Driver Voltage Measurement over Common-Mode Voltage Range
CL1
CL2
RLDIFF
A
B
Figure 20. Driver Propagation Delay
RL
VCC
S2
VOUT
DE IN
0V OR 3V
DE
S1
B
A
CL
Figure 21. Driver Enable/Disable
RE
B
A
CL
VOUT
Figure 22. Receiver Propagation Delay
RE
RL
VCC
S2
VOUT
S1
CL
+1.5V
–1.5V
RE IN
Figure 23. Receiver Enable/Disable


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn