Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM4850 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM4850
Description  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM4850_15 Datasheet HTML 4Page - Analog Devices ADM4850_15 Datasheet HTML 5Page - Analog Devices ADM4850_15 Datasheet HTML 6Page - Analog Devices ADM4850_15 Datasheet HTML 7Page - Analog Devices ADM4850_15 Datasheet HTML 8Page - Analog Devices ADM4850_15 Datasheet HTML 9Page - Analog Devices ADM4850_15 Datasheet HTML 10Page - Analog Devices ADM4850_15 Datasheet HTML 11Page - Analog Devices ADM4850_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 8 of 16
VCC 1
A
8
GND 4
Y
5
ADM4854/
ADM4855/
ADM4856/
ADM4857
TOP VIEW
(Not to Scale)
RO 2
B
7
DI
Z
6
3
Figure 5. ADM4854/ADM4855/ADM4856/ADM4857 Pin Configuration, SOIC
Table 9. ADM4854/ADM4855/ADM4856/ADM4857 Pin Descriptions
Pin No.
Mnemonic
Description
1
VCC
5 V Power Supply.
2
RO
Receiver Output. When RO is enabled, if (A − B) ≥ −30 mV, RO = high; if (A − B) ≤ −200 mV, RO = low.
3
DI
Driver Input. When the driver is enabled, a logic low on DI forces Y low and Z high, whereas a logic high
on DI forces Y high and Z low.
4
GND
Ground.
5
Y
Noninverting Driver Output.
6
Z
Inverting Driver Output.
7
B
Inverting Receiver Input.
8
A
Noninverting Receiver Input.


Similar Part No. - ADM4850_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results

Similar Description - ADM4850_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com