Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7232BFIPL Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICM7232BFIPL
Description  Numeric/Alphanumeric Triplexed LCD Display Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7232BFIPL Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICM7232BFIPL Datasheet HTML 7Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 8Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 9Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 10Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 11Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 12Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 13Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 14Page - Intersil Corporation ICM7232BFIPL Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
9-29
Figure 11A shows another method of setting up a display
voltage using five silicon diodes in series. These diodes,
1N914 or equivalent, will each have a forward drop of
approximately 0.65V, with approximately 20
µA flowing
through them at room temperature. Thus, 5 diodes will give
3.25V, suitable for a 3V display using the material properties
shown in Figures 4 and 5. For higher voltage displays, more
diodes may be added. This circuit provides reasonable
temperature compensation, as each diode has a negative
temperature coefficient of -2mV/oC; five in series gives
-10mV/oC, not far from optimum for the material described.
The disadvantage of the diodes in series is that only integral
multiples of the diode voltage can be achieved. The diode
voltage multiplier circuit shown in Figure 11B allows fine-
tuning the display voltage by means of the potentiometer; it
likewise provides temperature compensation since the tem-
perature coefficient of the transistor base-emitter junction
(about -2mV/oC) is also multipled. The transistor should have
a beta of at least 100 with a collector current of 10
µA. The
inexpensive 2N2222 shown in the figure is a suitable device.
For battery operation, where the display voltage is generally the
same as the battery voltage (usually 3 - 4.5V), the chip may be
operated at the display voltage, with VDlSP connected to VSS.
The inputs of the chip are designed such that they may be
driven above VDD without damaging the chip. This allows, for
example, the chip and display to operate at a regulated 3V, and
a microprocessor driving its inputs to operate with a less well
controlled 5V supply. (The inputs should not be driven more
than 6.5V above GND under any circumstances.) This also
allows temperature compensation with the ICL7663S, as
shown in Figure 12. This circuit allows independent adjustment
of both voltage and temperature compensation.
Description Of Operation
Parallel Input Of Data And Address (ICM7231)
The parallel input structure of the ICM7231 device is
organized to allow simple, direct interfacing to all micropro-
cessors, (see the Functional Block Diagram). In the
ICM7231, address and data bits are written into the input
latches on the rising edge of the Chip Select input.
The rising edge of the Chip Select also triggers an on-chip
pulse which enables the address decoder and latches the
decoded data into the addressed digit/character outputs. The
timing requirements for the parallel input device are shown in
Figure 1, with the values for setup, hold, and pulse width times
shown in the AC Specifications section. Note that there is a
minimum time between Chip Select pulses; this is to allow suf-
ficient time for the on-chip enable pulse to decay, and ensures
that new data doesn’t appear at the decoder inputs before the
decoded data is written to the outputs.
Serial Input Of Data And Address (ICM7232)
The ICM3232 trades six pins used as data inputs on the
ICM7231 for six more segment lines, allowing two more
9-segment digits. This is done at the cost of ease in interfac-
ing, and requires that data and address information be
entered serially. Refer to Functional Block Diagram and tim-
ing diagrams, Figures 2 and 3. The interface consists of four
pins: DATA Input, DATA CLOCK Input, WRITE Input and
DATA ACCEPTED Output. The data present at the DATA
Input is clocked into a shift register on the rising edge of the
OPEN
200k
10nF
+5
ICM7231
ICM7232
VDISP
240
36
FIGURE 10. SIMPLE DISPLAY VOLTAGE ADJUSTMENT
VDD
40k
10nF
+5
ICM7231
ICM7232
VDISP
240
36
1N914
DIODES
FIGURE 11A. STRING OF DIODES
VDD
40k
10nF
+5
ICM7231
ICM7232
VDISP
240
36
200k
POTENTIOMETER
2N2222
FIGURE 11B. TRANSISTOR-MULTIPLIER
FIGURE 11. DIODE-BASED TEMPERATURE COMPENSATION
VIN+
VOUT1
VOUT2
ICL7663S
VSET
VTC
GND
DATA BUS
ICM7233
VDISP
GND
1.8M
300k
2.7M
LOGIC
SYSTEM
PROCESSOR,
+5V
VDD
ETC.
FIGURE 12. FLEXIBLE TEMPERATURE COMPENSATION
ICM7231, ICM7232


Similar Part No. - ICM7232BFIPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7232BFIPL INTERSIL-ICM7232BFIPL Datasheet
317Kb / 19P
   Numeric/Alphanumeric Triplexed LCD Display Drivers
ICM7232BFIPL INTERSIL-ICM7232BFIPL Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7232BFIPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7231 INTERSIL-ICM7231_02 Datasheet
317Kb / 19P
   Numeric/Alphanumeric Triplexed LCD Display Drivers
logo
Maxim Integrated Produc...
MAX7231 MAXIM-MAX7231 Datasheet
625Kb / 16P
   Triplexed LCD Decoder/Drivers
1995
logo
BetLux Electronics
BL-D54A-21S BETLUX-BL-D54A-21S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT ALPHANUMERIC DISPLAY
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
   LCD Display Drivers
LC75822E SANYO-LC75822E Datasheet
128Kb / 10P
   LCD Display Drivers?
logo
SunLED Corporation
AMR30A SUNLED-AMR30A Datasheet
209Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30A SUNLED-AUY30A Datasheet
210Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AMR30C SUNLED-AMR30C Datasheet
209Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30C SUNLED-AUG30C Datasheet
208Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com