Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7104-16CPL Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7104-16CPL
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7104-16CPL Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7104-16CPL Datasheet HTML 1Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 2Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 3Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 4Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 5Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 6Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 7Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 8Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
5-8
Pin Descriptions
PIN NO.
SYMBOL
OPTION
DESCRIPTION
1
V++
Positive Supply Voltage: Nominally +15V.
2
GND
Digital Ground: 0V, ground return.
3
STTS
Status Output: HI during integrate and deintegrate until data is latched. LO when analog section
is in auto-zero configuration.
4
POL
Polarity: Three-state output. HI for positive input.
5
OR
Over Range: Three-state output.
6
BIT 16
BIT 14
-16
-14
Most Significant Bit (MSB).
7
BIT 15
BIT 13
-16
-14
DATA Bits: Three-state outputs. See Table 3 for format of ENABLES and bytes. HIGH = true.
8
BIT 14
BIT 12
-16
-14
9
BIT 13
BIT 11
-16
-14
10
BIT 12
BIT 10
-16
-14
11
BIT 11
BIT 9
-16
-14
12
BIT 10
NC
-16
-14
13
BIT 9
NC
-16
-14
14
BIT 8
15
BIT 7
16
BIT 6
17
BIT 5
18
BIT 4
19
BIT 3
20
BIT 2
21
BIT 1
Least Significant Bit (LSB).
22
LBEN
LOW BYTE ENABLE: If not in handshake mode (see pin 27) when LO (with CE/LD, pin 30)
activates low-order byte outputs, BITS 1-8. When in handshake mode (see pin 27), serves as a
low byte flag output. See Figures 11, 12, 13.
23
MBEN
-16
MID BYTE ENABLE: Activates Bits 9-16, see LBEN (pin 22)
HBEN
-14
HIGH BYTE ENABLE: Activates Bits 9-14, POL, OR, see LBEN (pin 22)
24
HBEN
-16
HIGH BYTE ENABLE: Activates POL, OR, see LBEN (pin 22).
CLOCK3
-14
RC oscillator pin: Can be used as clock output.
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104-16CPL INTERSIL-ICL7104-16CPL Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL7104-16CPL INTERSIL-ICL7104-16CPL Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com