Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3488 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3488
Description  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3488 Datasheet(HTML) 1 Page - Analog Devices

  ADM3488_15 Datasheet HTML 1Page - Analog Devices ADM3488_15 Datasheet HTML 2Page - Analog Devices ADM3488_15 Datasheet HTML 3Page - Analog Devices ADM3488_15 Datasheet HTML 4Page - Analog Devices ADM3488_15 Datasheet HTML 5Page - Analog Devices ADM3488_15 Datasheet HTML 6Page - Analog Devices ADM3488_15 Datasheet HTML 7Page - Analog Devices ADM3488_15 Datasheet HTML 8Page - Analog Devices ADM3488_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3.3 V Slew Rate Limited, Half- and
Full-Duplex, RS-485/RS-422 Transceivers
Data Sheet
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005-2011 Analog Devices, Inc. All rights reserved.
FEATURES
Operate with 3.3 V supply
Interoperable with 5 V logic
EIA RS-422 and RS-485 compliant over full
common-mode range
Data rate options
ADM3483/ADM3488: 250 kbps
ADM3485/ADM3490/ADM3491: 10 Mbps
Half- and full-duplex options
Reduced slew rates for low EMI (ADM3483 and ADM3488)
2 nA supply current in shutdown mode
(ADM3483/ADM3485/ADM3491)
Up to 32 transceivers on the bus
−7 V to +12 V bus common-mode range
Specified over the –40°C to +85°C temperature range
8 ns skew (ADM3485/ADM3490/ADM3491)
8-lead SOIC and 14-lead SOIC (ADM3491 only) packages
APPLICATIONS
Low power RS-485/RS-422 applications
Telecom
Industrial process control
HVAC
GENERAL DESCRIPTION
The ADM3483/ADM3485/ADM3488/ADM3490/ADM3491 are
low power, differential line transceivers designed to operate using a
single 3.3 V power supply. Low power consumption, coupled with a
shutdown mode, makes the ADM3483/ADM3485/ADM3488/
ADM3490/ADM3491 ideal for power-sensitive applications.
The ADM3488/ADM3490/ADM3491 feature full-duplex com-
munication, while the ADM3483/ADM3485 are designed for
half-duplex communication.
FUNCTIONAL BLOCK DIAGRAMS
R
D
RO
VCC
RE
DI
DE
ADM3483/
ADM3485
A
GND
B
Figure 1.
R
D
RO
DI
ADM3488/
ADM3490
A
B
Z
Y
VCC
GND
Figure 2.
R
D
RO
RE
DI
DE
ADM3491
A
B
Z
Y
Figure 3.
The ADM3483/ADM3488 feature slew rate limited drivers that
minimize EMI and reduce reflections caused by improperly ter-
minated cables, allowing error-free data transmission at data rates
up to 250 kbps.
The ADM3485/ADM3490/ADM3491 transmit at up to 10 Mbps.
The receiver input impedance is 12 kΩ, allowing up to 32 trans-
ceivers to be connected on the bus. A thermal shutdown circuit
prevents excessive power dissipation caused by bus contention or
by output shorting. If a significant temperature increase is detected
in the internal driver circuitry during fault conditions, then the
thermal shutdown circuit forces the driver output into a high
impedance state. If the inputs are unconnected (floating), the
receiver contains a fail-safe feature that results in a logic high
output state. The parts are fully specified over the commercial
and industrial temperature ranges. The ADM3483/ADM3485/
ADM3488/ADM3490 are available in 8-lead SOIC_N; the
ADM3491 is available in a 14-lead SOIC_N.


Similar Part No. - ADM3488_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3488ARZ AD-ADM3488ARZ Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3488ARZ AD-ADM3488ARZ Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488ARZ-REEL7 AD-ADM3488ARZ-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488E AD-ADM3488E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3488EARZ AD-ADM3488EARZ Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3488_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com