Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7228BIPI Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICM7228BIPI
Description  8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7228BIPI Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICM7228BIPI Datasheet HTML 3Page - Intersil Corporation ICM7228BIPI Datasheet HTML 4Page - Intersil Corporation ICM7228BIPI Datasheet HTML 5Page - Intersil Corporation ICM7228BIPI Datasheet HTML 6Page - Intersil Corporation ICM7228BIPI Datasheet HTML 7Page - Intersil Corporation ICM7228BIPI Datasheet HTML 8Page - Intersil Corporation ICM7228BIPI Datasheet HTML 9Page - Intersil Corporation ICM7228BIPI Datasheet HTML 10Page - Intersil Corporation ICM7228BIPI Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
9-23
Timing Diagrams
FIGURE 1. ICM7228A/B WRITE CYCLE
FIGURE 2. ICM7228A/B SEQUENTIAL 8-DIGIT RAM UPDATE
FIGURE 3. ICM7228C/D WRITE CYCLE
FIGURE 4. DISPLAY DIGITS MULTIPLEX (COMMON ANODE DISPLAY)
tMS
tWL
tDS
tMH
MODE
INPUT
VALID
DATA
tDH
tWH
WRITE
DECODE/NO DECODE? ID5
(D8)
(D1)
MODE
CONTROL WORD
TYPE OF DECODER?ID6
DECODE/NO DECODE? ID5
SHUTDOWN?ID4
DATA COMING ID7
CONTROL WORD
TYPE OF DECODER?ID6
SHUTDOWN? ID4
DATA COMING ID7
DON’T CARE
WRITE DATA
8 PULSES
WRITE
VALID DATA
VALID
tWL
tWH
tAS
tAH
tDH
tDS
DATA
WRITE
DIGIT
ADDRESS
DAO-DAZ
INTERDIGIT BLANKING
INTERNAL SIGNAL
TYPICAL DIGITS
OUTPUT PULSES
10
µs (TYP)
FREE RUNNING
320
µs (TYP)
FREE RUNNING (PER DIGIT)
INTERDIGIT BLANKING
D2
D5
D1
D7
D8
D6
D4
D3
Typical Performance Curves
FIGURE 5. COMMON ANODE DIGIT DRIVER IDIG vs (VDD - VDIG)
FIGURE 6. COMMON ANODE SEGMENT DRIVER ISEG vs VSEG
VDD-VDIG (V)
0
100
200
300
400
500
0
1.0
2.0
3.0
4.0
5.0
-55oC
25oC
125oC
-55oC
25oC
125oC
VSEG (V)
80
60
40
20
0
0
1.0
2.0
3.0
4.0
5.0
-55oC
25oC
125oC
ICM7228


Similar Part No. - ICM7228BIPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228BIPI INTERSIL-ICM7228BIPI Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228BIPI INTERSIL-ICM7228BIPI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7228BIPI RENESAS-ICM7228BIPI Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7228BIPIZ INTERSIL-ICM7228BIPIZ Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228BIPIZ INTERSIL-ICM7228BIPIZ Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
More results

Similar Description - ICM7228BIPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com