Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8052ACPD Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8052ACPD Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL8052ACPD Datasheet HTML 5Page - Intersil Corporation ICL8052ACPD Datasheet HTML 6Page - Intersil Corporation ICL8052ACPD Datasheet HTML 7Page - Intersil Corporation ICL8052ACPD Datasheet HTML 8Page - Intersil Corporation ICL8052ACPD Datasheet HTML 9Page - Intersil Corporation ICL8052ACPD Datasheet HTML 10Page - Intersil Corporation ICL8052ACPD Datasheet HTML 11Page - Intersil Corporation ICL8052ACPD Datasheet HTML 12Page - Intersil Corporation ICL8052ACPD Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
5-14
FIGURE 2. FULL 18-BIT THREE-STATE OUTPUT
CE/LD HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104 -16
OR CHIP SELECT 2
CHIP SELECT 1
CONVERT
CONTROL
18
≥18
FIGURE 3. VARIOUS COMBINATIONS OF BYTE DISABLES
CE/LD
HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104
CONVERT
2
CONTROL
CE/LD
HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104
CONVERT
CONTROL
CE/LD
HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104
CONVERT
CONTROL
8
8
2
16
10
8
FIGURE 4. DIRECT MODE TIMING DIAGRAM
DATA
VALID
DATA
VALID
DATA
VALID
DATA
VALID
DATA
VALID
CE/LD
AS INPUT
HBEN
AS INPUT
MBEN
AS INPUT
LBEN
AS INPUT
HIGH BYTE
DATA
BYTE
ENABLE
LOW BYTE
ENABLE
MIDDLE
tBEA
tDAB
tDHB
tDAC
tDHC
tCEA
= HIGH IMPEDANCE
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL8052ACPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052ACPD INTERSIL-ICL8052ACPD Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8052ACPD INTERSIL-ICL8052ACPD Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
ICL8052ACPD INTERSIL-ICL8052ACPD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL8052ACPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com