Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCL7104-16CPL Datasheet(PDF) 2 Page - Intersil Corporation

Part # LCL7104-16CPL
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL7104-16CPL Datasheet(HTML) 2 Page - Intersil Corporation

  LCL7104-16CPL Datasheet HTML 1Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 2Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 3Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 4Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 5Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 6Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 7Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 8Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
5-7
Pinouts
Functional Block Diagram
ICL8052/ICL8068
(CERDIP, PDIP)
TOP VIEW
ICL7104
(PDIP)
TOP VIEW
V-
COMP OUT
REF CAP
REF BYPASS
GND
REF OUT
REF SUPPLY
INT OUT
+BUFF IN
+INT IN
-INT IN
-BUFF IN
BUFF OUT
V++
1
2
3
4
5
6
7
14
13
12
11
10
9
8
-1.2V
VREF
ICL8052/
ICL8068
(OUTLINE DWGS DD, JD, PD)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V++
DIG GND
STTS
POL
OR
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
NC
NC
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
V-
COMP IN
REFCAP 1
VREF
AZ
ANALOG
REFCAP 2
BUF IN
ANALOG I/P
V+
CE/LD
SEN
R/H
MODE
CLK 2
CLK 1
CLK 3
HBEN
LBEN
BIT 1
ICL7104-14
GND
V++
DIG GND
STTS
POL
OR
BIT 16
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
ICL7104-14
ICL7104-16
ICL7104-14
ICL7104-16
HBEN
MBEN
(OUTLINE DWGS DL,
JL, PL)
FIGURE 1. ICL8052A (8068A)/ICL7104 16-BIT/14-BIT A/D CONVERTER FUNCTIONAL DIAGRAM
A2
+
-
A3
+
-
INTEG.
COMP.
A1
+
-
BUFFER
14
11
9
INT OUT
-INT IN
BUF OUT
10
-BUF IN
-1.2V
2
50k
-15V
+5V
RINT
CINT
1
-15V
7
8
+15V
CAZ
12
+INT IN
13
8052/8068
INT.
REF.
6
3
+BUF IN
5
REF
OUT
5k
10k
300pF
10
µF
COMP
OUT
COMP IN
300k
39
36
33
8 9
6 7
12 13
10 11
16 17
14 15
20 21
18 19
5
4
14 13
16 15
10 9
12 11
6 5
87
2 1
43
OR POL
THREE-STATE OUTPUTS
LATCHES
COUNTER
24 HBEN
23 MBEN
22 LBEN
30 CE/LD
CONTROL LOGIC
ZERO
CROSSING
DETECTOR
29
27
28
7104
+BUF IN
AZ
SW3
SW5
SW4
SW6
SW8
SW2
SW9
SW7
SW1
34
REF CAP (2)
REF CAP (1)
38
CREF
37
32
35
ANALOG
GND
ANALOG
INPUT
VREF
SEN
MODE
R/H
BITS
3
STTS
26
CLOCK
25
CLOCK
40
-15V
2
1
+15V
31
+5V
(2)
(1)
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - LCL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LCL7104-16CPL INTERSIL-LCL7104-16CPL Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
More results

Similar Description - LCL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com