Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7217 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7217
Description  4-Digit LED Display, Programmable Up/Down Counter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7217 Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7217 Datasheet HTML 1Page - Intersil Corporation ICM7217 Datasheet HTML 2Page - Intersil Corporation ICM7217 Datasheet HTML 3Page - Intersil Corporation ICM7217 Datasheet HTML 4Page - Intersil Corporation ICM7217 Datasheet HTML 5Page - Intersil Corporation ICM7217 Datasheet HTML 6Page - Intersil Corporation ICM7217 Datasheet HTML 7Page - Intersil Corporation ICM7217 Datasheet HTML 8Page - Intersil Corporation ICM7217 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
9-14
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD - VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage (Any Terminal) . . . . . . . .(VSS - 0.3V) to (VDD + 0.3V)
(Note 1)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
55
14
PDIP Package . . . . . . . . . . . . . . . . . . .
55
N/A
Maximum Junction Temperature
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater
than VDD or less than VSS may cause destructive device latchup. For this reason it is recommended that the power supply to the device
be established before any inputs are applied and that in multiple systems the supply to the ICM7217 be turned on first.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD = 5V, VSS = 0V, TA = 25
oC, Display Diode Drop 1 .7V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
(Lowest Power Mode), IDD (7217)
Display Off, LC, DC, UP/DN,
ST, RS, BCD I/O Floating or at VDD (Note 1)
-
350
500
µA
Supply Current, OPERATING, IOP
Common Anode, Display On, all “8’s”
140
200
-
mA
Supply Current, OPERATING, IOP
Common Cathode, Display On, all “8’s”
50
100
-
mA
VSUPPLY, VDD
4.5
5
5.5
V
Digit Driver Output Current, IDIG
Common Anode, VOUT = VDD - 2.0V
140
200
-
mAPEAK
SEGment Driver
Output Current, ISEG
Common Anode, VOUT = +1.5V
20
35
-
mAPEAK
Digit Driver, Output Current, IDIG
Common Cathode, VOUT = +1.0V
-50
-75
-
mAPEAK
SEGment Driver
Output Current, ISEG
Common Cathode VOUT = VDD - 2V
-9
-12.5
-
mAPEAK
ST, RS, UP/DN Input
Pullup Current, IP
VIN = VDD - 2V (Note 1)
5
25
-
µA
3 Level Input Impendance, ZIN
40
-
350
k
BCD I/O Input, High Voltage
VBIH
ICM7217 Common Anode (Note 2)
1.5
-
-
V
ICM7217 Common Cathode (Note 2)
4.40
-
-
V
BCD I/O Input, Low Voltage
VBIL
ICM7217 Common Anode (Note 2)
-
-
0.60
V
ICM7217 Common Cathode (Note 2)
-
-
3.2V
V
BCD I/O Input, Pullup Current
IBPU
ICM7217 Common Cathode VIN = VDD - 2V
(Note 2)
525
-
µA
BCD I/O Input
Pulldown Current, IBPD
ICM7217 Common Anode VIN = +2V (Note 2)
5
25
-
µA
BCD I/O, ZERO, EQUAL Outputs
Output High Voltage, VOH
IOH = -100µA
3.5
-
-
V
BCD I/O, CARRY/BORROW
ZERO, EQUAL Outputs
Output Low Voltage, VOL
IOL = 1.6mA
-
-
0.4
V
Count Input Frequency, fIN
-20oC to 70oC
-
5
-
MHz
Guaranteed
0
-
2
MHz
Count Input Threshold, VTH
(Note 3)
-
2
-
V
Count Input Hysteresis, VHYS
(Note 3)
-
0.5
-
V
Count Input LO, VCIL
-
-
0.40
V
Count Input HI, VCIH
3.5
-
-
V
Display Scan
Oscillator Frequency, fDS
Free-running (SCAN Terminal Open Circuit)
-
2.5
10
kHz
ICM7217


Similar Part No. - ICM7217

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
   4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217 Datasheet
475Kb / 20P
   4-Digit LED Display, Programmable Up/Down Counter
ICM7217 INTERSIL-ICM7217 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
ICM7217 RENESAS-ICM7217 Datasheet
896Kb / 19P
   4-Digit LED Display,Programmable Up/Down Counter
July 2001
logo
Maxim Integrated Produc...
ICM7217AIJI MAXIM-ICM7217AIJI Datasheet
328Kb / 8P
   4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
More results

Similar Description - ICM7217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217_01 Datasheet
475Kb / 20P
   4-Digit LED Display, Programmable Up/Down Counter
logo
Renesas Technology Corp
ICM7217 RENESAS-ICM7217 Datasheet
896Kb / 19P
   4-Digit LED Display,Programmable Up/Down Counter
July 2001
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
   4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
MM74C945 MAXIM-MM74C945 Datasheet
293Kb / 8P
   4 Digit Up/Down Counter/Decoder/Driver
Rev 0; 1/93
logo
Intersil Corporation
ICM7208 INTERSIL-ICM7208 Datasheet
621Kb / 7P
   7-Digit LED Display Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
NXP Semiconductors
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com