Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8211CBA Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL8211CBA
Description  Programmable Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8211CBA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL8211CBA Datasheet HTML 6Page - Intersil Corporation ICL8211CBA Datasheet HTML 7Page - Intersil Corporation ICL8211CBA Datasheet HTML 8Page - Intersil Corporation ICL8211CBA Datasheet HTML 9Page - Intersil Corporation ICL8211CBA Datasheet HTML 10Page - Intersil Corporation ICL8211CBA Datasheet HTML 11Page - Intersil Corporation ICL8211CBA Datasheet HTML 12Page - Intersil Corporation ICL8211CBA Datasheet HTML 13Page - Intersil Corporation ICL8211CBA Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
7-170
ICL8211, ICL8212
FIGURE 24. RANGE OF INPUT VOLTAGE GREATER THAN
+1.15 VOLTS
Setup Procedures For Voltage Level Detection
Case 1. Simple voltage detection no hysteresis
Unless an input voltage of approximately 1.15V is to be
detected, resistor networks will be used to divide or multiply
the unknown voltage to be sensed. Figure 25 shows
procedures on how to set up resistor networks to detect
INPUT VOLTAGES of any magnitude and polarity.
FIGURE 25. INPUT RESISTOR NETWORK SETUP
PROCEDURES
For supply voltage level detection applications the input
resistor network is connected across the supply terminals as
shown in Figure 26.
FIGURE 26. COMBINED INPUT AND SUPPLY VOLTAGES
Case 2. Use of the HYSTERESIS function
The disadvantage of the simple detection circuits is that
there is a small but finite input range where the outputs are
neither totally ‘ON’ nor totally ‘OFF’. The principle behind
hysteresis is to provide positive feedback to the input trip
point such that there is a voltage difference between the
input voltage necessary to turn the outputs ON and OFF.
The advantage of hysteresis is especially apparent in
electrically noisy environments where simple but positive
voltage detection is required. Hysteresis circuitry, however,
is not limited to applications requiring better noise perfor-
mance but may be expanded into highly complex systems
with multiple voltage level detection and memory applica-
tions-refer to specific applications section.
There are two simple methods to apply hysteresis to a circuit
for use in supply voltage level detection. These are shown in
Figure 27.
The circuit of Figure 27A requires that the full current flowing
in the resistor network be sourced by the HYSTERESIS out-
put, whereas for circuit Figure 27B the current to be sourced
by the HYSTERESIS output will be a function of the ratio of
the two trip points and their values. For low values of hyster-
esis, circuit Figure 27B is to be preferred due to the offset
voltage of the hysteresis output transistor.
A third way to obtain hysteresis (ICL8211 only) is to connect
a resistor between the OUTPUT and the THRESHOLD
terminals thereby reducing the total external resistance
between
the
THRESHOLD
and
GROUND
when
the
OUTPUT is switched on.
Practical Applications
Low Voltage Battery Indicator (Figure 28)
This application is particularly suitable for portable or remote
operated equipment which requires an indication of a depleted
or discharged battery. The quiescent current taken by the sys-
tem will be typically 35
µA which will increase to 7mA when the
lamp is turned on. R3 will provide hysteresis if required.
Nonvolatile Low Voltage Detector (Figure 29)
In this application the high trip voltage VTR2 is set to be
above the normal supply voltage range. On power up the
initial condition is A. On momentarily closing switch S1 the
operating point changes to B and will remain at B until the
supply voltage drops below VTR1, at which time the output
will revert to condition A. Note that state A is always retained
if the supply voltage is reduced below VTR1 (even to zero
volts) and then raised back to VNOM.
Nonvolatile Power Supply Malfunction Recorde
(Figure 30 and Figure 31)
In many systems a transient or an extended abnormal (or
absence of a) supply voltage will cause a system failure.
This failure may take the form of information lost in a volatile
semiconductor memory stack, a loss of time in a timer or
even possible irreversible damage to components if a supply
voltage exceeds a certain value.
It is, therefore, necessary to be able to detect and store the
fact that an out-of-operating range supply voltage condition
1
2
3
4
8
7
6
5
V+
INPUT
V-
R1
R2
INPUT
VOLTAGE
Input voltage to change to output states
=
(R1 + R2)
R1
x 1.15V
1
2
3
4
8
7
6
5
V+
R1
R2
VREF (+VE)
MAY BE ANY STABLE VOLTAGE
VOLTAGE REFERENCE
GREATER THAN 1.15V
Range of input voltage less than +1.15V
Input voltage to change the output states
=
(R1 + R2) x 1.15
R1
R2VREF
R1
-
1
2
3
4
8
7
6
5
V+
INPUT VOLTAGE
R1
R2
OR
SUPPLY VOLTAGE
VO


Similar Part No. - ICL8211CBA

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211CBA HARRIS-ICL8211CBA Datasheet
153Kb / 14P
   Programmable Voltage Detectors
More results

Similar Description - ICL8211CBA

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
   Programmable Voltage Detectors
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com