Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8068 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL8068
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8068 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL8068 Datasheet HTML 6Page - Intersil Corporation ICL8068 Datasheet HTML 7Page - Intersil Corporation ICL8068 Datasheet HTML 8Page - Intersil Corporation ICL8068 Datasheet HTML 9Page - Intersil Corporation ICL8068 Datasheet HTML 10Page - Intersil Corporation ICL8068 Datasheet HTML 11Page - Intersil Corporation ICL8068 Datasheet HTML 12Page - Intersil Corporation ICL8068 Datasheet HTML 13Page - Intersil Corporation ICL8068 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
5-15
TABLE 1. DIRECT MODE TIMING REQUIREMENTS (Note: Not tested in production)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tBEA
XBEN (Min) Pulse Width.
-
300
-
ns
tDAB
Data Access Time from XBEN.
-
300
-
ns
tDHB
Data Hold Time from XBEN.
-
200
-
ns
tCEA
CE/LD Min. Pulse Width.
-
350
-
ns
tDAC
Data Access Time from CE/LD.
-
350
-
ns
tDHC
Data Hold Time from CE/LD.
-
280
-
ns
tCWH
CLOCK 1 High Time.
-
1000
-
ns
TABLE 2. HANDSHAKE TIMING REQUIREMENTS (Note: Not tested in production)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tMW
Mode Pulse (Min).
-
20
-
ns
tSM
Mode Pin Set-Up Time.
-
-150
-
ns
tME
Mode Pin High to Low Z CE/LD High Delay.
-
200
-
ns
tMB
Mode Pin High to XBEN Low Z (High) Delay.
-
200
-
ns
tCEL
Clock 1 High to CE/LD Low Delay.
-
700
-
ns
tCEH
Clock 1 High to CE/LD High Delay.
-
600
-
ns
tCBL
Clock 1 High to XBEN Low Delay.
-
900
-
ns
tCBH
Clock 1 High to XBEN High Delay.
-
700
-
ns
tCDH
Clock 1 High to Data Enabled Delay.
-
1100
-
ns
tCDL
Clock 1 Low to Data Disabled Delay.
-
1100
-
ns
tSS
Send ENABLE Set-Up Time.
-
-350
-
ns
tCBZ
Clock 1 High to XBEN Disabled Delay.
-
2000
-
ns
tCEZ
Clock 1 High to CE/LD Disabled Delay.
-
2000
-
ns
tCWH
Clock 1 High Time.
1250
1000
-
ns
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL8068

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8068 INTERSIL-ICL8068 Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8068 INTERSIL-ICL8068 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL8068A INTERSIL-ICL8068A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
ICL8068ACDD INTERSIL-ICL8068ACDD Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8068ACDD INTERSIL-ICL8068ACDD Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
More results

Similar Description - ICL8068

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com