Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7104 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL7104
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7104 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL7104 Datasheet HTML 7Page - Intersil Corporation ICL7104 Datasheet HTML 8Page - Intersil Corporation ICL7104 Datasheet HTML 9Page - Intersil Corporation ICL7104 Datasheet HTML 10Page - Intersil Corporation ICL7104 Datasheet HTML 11Page - Intersil Corporation ICL7104 Datasheet HTML 12Page - Intersil Corporation ICL7104 Datasheet HTML 13Page - Intersil Corporation ICL7104 Datasheet HTML 14Page - Intersil Corporation ICL7104 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
5-16
Detailed Description
ANALOG SECTION
Figure 6 shows the equivalent Circuit of the Analog Section
of both the ICL7104/8052 and the ICL7104/8068 in the 3
different phases of operation. If the Run/Hold pin is left open
or tied to V+, the system will perform conversions at a rate
determined by the clock frequency: 131,072 for - 16 and
32,368 for - 14 clock periods per cycle (see Figure 8
conversion timing).
Auto-Zero Phase I (Figure 6A)
During Auto-Zero, the input of the buffer is shorted to analog
ground thru switch 2, and switch 1 closes a loop around the
integrator and comparator. The purpose of the loop is to
charge the Auto-Zero capacitor until the integrator output no
longer changes with time. Also, switches 4 and 9 recharge
the reference capacitor to VREF.
Input Integrate Phase II (Figure 6B)
During input integrate the Auto-Zero loop is opened and the
analog input is connected to the buffer input thru switch 3.
(The reference capacitor is still being charged to VREF
during this time.) If the input signal is zero, the buffer,
integrator and comparator will see the same voltage that
existed in the previous sate (Auto-Zero). Thus the integrator
output will not change but will remain stationary during the
entire Input Integrate cycle. If VIN is not equal to zero, an
unbalanced condition exists compared to the Auto-Zero
phase, and the integrator will generate a ramp whose slope
is proportional to VIN. At the end of this phase, the sign of
the ramp is latched into the polarity F/F.
Deintegrate Phase III (Figures 6C and 6D)
During the Deintegrate phase, the switch drive logic uses the
output of the polarity F/F in determining whether to close
switches 6 and 9 or 7 and 8. If the input signal was positive,
switches 7 and 8 are closed and a voltage which is VREF
more negative than during Auto-Zero is impressed on the
buffer input. Negative inputs will cause +VREF to be applied
to the buffer input via switches 6 and 9. Thus, the reference
capacitor generates the equivalent of a (+) reference or a (-)
reference from the single reference voltage with negligible
error. The reference voltage returns the output of the integra-
tor to the zero-crossing point established in Phase I. The
time, or number of counts, required to do this is proportional
to the input voltage. Since the Deintegrate phase can be
twice as long as the Input integrate phase, the input voltage
required to give a full scale reading = 2VREF.
NOTE: Once a zero crossing is detected, the system automatically
reverts to Auto-Zero phase for the leftover Deintegrate time (unless
RUN/HOLD is manipulated, see RUN/HOLD input in detailed
description, digital section).
FIGURE 5. HANDSHAKE MODE TIMING DIAGRAM
CLOCK 1 H
L
(PIN 25)
EITHER:
MODE PIN
OR
INTERNAL
LATCH PULSE IF
MODE “HI”
H
L
H
L
UART
NORM
DON’T CARE
DON’T CARE
DON’T CARE
STABLE
DATA VALID, STABLE
DATA VALID, STABLE
EXT
EXT
tMW
tSM
tCWH
H
L
H
L
H
L
H
L
INTERNAL
MODE
IGNORED
IGNORED
CE/LD
SEN
(EXTERNAL
SIGNAL)
HBEN
O/R, POL
01-14
LBEN
BITS 1-5
tME
tMB
tCEL
tCEH
tSS
tCBL
tCDH
tCDL
tCBH
tCBZ
tCEZ
THREE-STATE WITH PULLUP
THREE-STATE
-16 HAS EXTRA (MBEN) PHASE
HANDSHAKE MODE
OR
TRIGGERED BY
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL7104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7104 INTERSIL-ICL7104 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7104-12CDL INTERSIL-ICL7104-12CDL Datasheet
6Mb / 180P
   Data Acquisition
ICL7104-12CJL INTERSIL-ICL7104-12CJL Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com