Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2571L-1-F3 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS2571L-1-F3
Description  HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2571L-1-F3 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS2571L-1-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 9Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 10Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 11Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 12Page - Renesas Technology Corp PS2571L-1-F3 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet PN10238EJ02V0DS
7
PS2571-1,-4,PS2571L-1,-4
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
PS2571-1,
PS2571L-1
PS2571-4,
PS2571L-4
Diode
Forward Current (DC)
IF
50
mA/ch
Reverse Voltage
VR
6
V
Power Dissipation Derating
PD/°C
0.7
0.55
mW/
°C
Power Dissipation
PD
70
55
mW/ch
Peak Forward Current
*1
IFP
1
A/ch
Transistor
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
40
mA/ch
Power Dissipation Derating
PC/°C
1.5
1.2
mW/
°C
Power Dissipation
PC
150
120
mW/ch
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Pins 1-2 shorted together, 3-4 shorted together (PS2571-1, PS2571L-1).
Pins 1-8 shorted together, 9-16 shorted together (PS2571-4, PS2571L-4).


Similar Part No. - PS2571L-1-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2571L-1-F3 NEC-PS2571L-1-F3 Datasheet
129Kb / 16P
   HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2571L-1-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2571-1 NEC-PS2571-1 Datasheet
129Kb / 16P
   HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
PS2511-1 NEC-PS2511-1 Datasheet
130Kb / 12P
   HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com