Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2571L-1-E3 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS2571L-1-E3
Description  HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2571L-1-E3 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS2571L-1-E3 Datasheet HTML 7Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 8Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 9Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 10Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 11Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 12Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 13Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 14Page - Renesas Technology Corp PS2571L-1-E3 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet PN10238EJ02V0DS
9
PS2571-1,-4,PS2571L-1,-4
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
75
50
25
025
50
75
100
125
150
0.7 mW/˚C
0.55 mW/˚C
PS2571-1
PS2571L-1
PS2571-4
PS2571L-4
150
100
50
25
50
75
100
125
150
0
1.5 mW/˚C
1.2 mW/˚C
PS2571-1
PS2571L-1
PS2571-4
PS2571L-4
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
Collector Saturation Voltage VCE(sat) (V)
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
2 mA
IF = 1 mA
5 mA
10 mA
20 mA
50 mA
68
4
2
010
50
40
30
20
10
10 mA
50
mA
20
mA
5 mA
IF = 1 mA
–50
–25
0
25
50
75
100
0.1
1
10
100
1 000
10 000
VCE = 40 V
25 V
10 V
5 V
0 ˚C
–25 ˚C
–50 ˚C
+60 ˚C
+25 ˚C
TA = +100 ˚C
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2571L-1-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2571L-1-E3 NEC-PS2571L-1-E3 Datasheet
129Kb / 16P
   HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2571L-1-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2571-1 NEC-PS2571-1 Datasheet
129Kb / 16P
   HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
PS2511-1 NEC-PS2511-1 Datasheet
130Kb / 12P
   HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com