Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8038CCPD Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL8038CCPD
Description  Precision Waveform Generator/Voltage Controlled Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8038CCPD Datasheet(HTML) 5 Page - Intersil Corporation

  ICL8038CCPD Datasheet HTML 1Page - Intersil Corporation ICL8038CCPD Datasheet HTML 2Page - Intersil Corporation ICL8038CCPD Datasheet HTML 3Page - Intersil Corporation ICL8038CCPD Datasheet HTML 4Page - Intersil Corporation ICL8038CCPD Datasheet HTML 5Page - Intersil Corporation ICL8038CCPD Datasheet HTML 6Page - Intersil Corporation ICL8038CCPD Datasheet HTML 7Page - Intersil Corporation ICL8038CCPD Datasheet HTML 8Page - Intersil Corporation ICL8038CCPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
The levels of the current sources can, however, be selected
over a wide range with two external resistors. Therefore, with
the two currents set at values different from I and 2I, an
asymmetrical sawtooth appears at Terminal 3 and pulses
with a duty cycle from less than 1% to greater than 99% are
available at Terminal 9.
The sine wave is created by feeding the triangle wave into a
nonlinear network (sine converter). This network provides a
decreasing shunt impedance as the potential of the triangle
moves toward the two extremes.
Waveform Timing
The symmetry of all waveforms can be adjusted with the
external timing resistors. Two possible ways to accomplish
this are shown in Figure 3. Best results are obtained by
keeping the timing resistors RA and RB separate (A). RA
controls the rising portion of the triangle and sine wave and
the 1 state of the square wave.
The magnitude of the triangle waveform is set at 1/3
VSUPPLY; therefore the rising portion of the triangle is,
The falling portion of the triangle and sine wave and the 0
state of the square wave is:
Thus a 50% duty cycle is achieved when RA = RB.
If the duty cycle is to be varied over a small range about 50%
only, the connection shown in Figure 3B is slightly more
convenient. A 1k
Ω potentiometer may not allow the duty cycle
to be adjusted through 50% on all devices. If a 50% duty cycle
is required, a 2k
Ω or 5kΩ potentiometer should be used.
With two separate timing resistors, the frequency is given by:
or, if RA = RB = R
t
1
CV
×
I
--------------
C
1/3
V
SUPPLY
R
A
×
×
×
0.22
V
SUPPLY
×
-------------------------------------------------------------------
R
A
C
×
0.66
------------------
==
=
t
2
CV
×
1
-------------
C
1 /3 V
SUPPLY
×
2 0.22
()
V
SUPPLY
R
B
------------------------
0.22
V
SUPPLY
R
A
------------------------
-----------------------------------------------------------------------------------
R
A
R
B
C
0.66 2 RA RB
()
--------------------------------------
==
=
f
1
t
1
t
2
+
----------------
1
R
AC
0.66
------------
1
R
B
2R
A
R
B
-------------------------
+



------------------------------------------------------
==
f
0.33
RC
-----------
(for Figure 3A)
=
FIGURE 2A. SQUARE WAVE DUTY CYCLE - 50%
FIGURE 2B. SQUARE WAVE DUTY CYCLE - 80%
FIGURE 2. PHASE RELATIONSHIP OF WAVEFORMS
FIGURE 3A.
FIGURE 3B.
FIGURE 3. POSSIBLE CONNECTIONS FOR THE EXTERNAL TIMING RESISTORS
C
82K
ICL8038
456
9
2
12
11
10
8
7
RA
RL
V- OR GND
3
RB
V+
ICL8038
456
9
2
12
11
10
8
7
C
100K
RA
RL
V- OR GND
3
RB
V+
1k
ICL8038


Similar Part No. - ICL8038CCPD

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8038CCPD HARRIS-ICL8038CCPD Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038CCPD INTERSIL-ICL8038CCPD Datasheet
353Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038CCPD RENESAS-ICL8038CCPD Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
More results

Similar Description - ICL8038CCPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038_01 Datasheet
353Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
NTE Electronics
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com