Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL8038 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ICL8038
Description  Precision Waveform Generator/Voltage Controlled Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8038 Datasheet(HTML) 3 Page - Intersil Corporation

  ICL8038 Datasheet HTML 1Page - Intersil Corporation ICL8038 Datasheet HTML 2Page - Intersil Corporation ICL8038 Datasheet HTML 3Page - Intersil Corporation ICL8038 Datasheet HTML 4Page - Intersil Corporation ICL8038 Datasheet HTML 5Page - Intersil Corporation ICL8038 Datasheet HTML 6Page - Intersil Corporation ICL8038 Datasheet HTML 7Page - Intersil Corporation ICL8038 Datasheet HTML 8Page - Intersil Corporation ICL8038 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Sine Wave
Amplitude
VSINE
RSINE = 100kΩ
0.2
0.22
-
0.2
0.22
-
0.2
0.22
-
xVSUPPLY
THD
THD
RS = 1MΩ
(Note 4)
-
2.0
5
-
1.5
3
-
1.0
1.5
%
THD Adjusted
THD
Use Figure 4
-
1.5
-
-
1.0
-
-
0.8
-
%
NOTES:
2. RA and RB currents not included.
3. VSUPPLY = 20V; RA and RB = 10kΩ, f ≅ 10kHz nominal; can be extended 1000 to 1. See Figures 5A and 5B.
4. 82k
Ω connected between pins 11 and 12, Triangle Duty Cycle set at 50%. (Use RA and RB.)
5. Figure 1, pins 7 and 8 connected, VSUPPLY = ±10V. See Typical Curves for T.C. vs VSUPPLY.
6. Not tested, typical value for design purposes only.
Electrical Specifications
VSUPPLY = ±10V or +20V, TA = 25
oC, R
L = 10kΩ, Test Circuit Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
ICL8038CC
ICL8038BC
ICL8038AC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Test Conditions
PARAMETER
RA
RB
RL
CSW1
MEASURE
Supply Current
10k
10k
10k
3.3nF
Closed
Current Into Pin 6
Sweep FM Range (Note 7)
10k
10k
10k
3.3nF
Open
Frequency at Pin 9
Frequency Drift with Temperature
10k
10k
10k
3.3nF
Closed
Frequency at Pin 3
Frequency Drift with Supply Voltage (Note 8)
10k
10k
10k
3.3nF
Closed
Frequency at Pin 9
Output Amplitude (Note 10)
Sine
10k
10k
10k
3.3nF
Closed
Pk-Pk Output at Pin 2
Triangle
10k
10k
10k
3.3nF
Closed
Pk-Pk Output at Pin 3
Leakage Current (Off) (Note 9)
10k
10k
3.3nF
Closed
Current into Pin 9
Saturation Voltage (On) (Note 9)
10k
10k
3.3nF
Closed
Output (Low) at Pin 9
Rise and Fall Times (Note 11)
10k
10k
4.7k
3.3nF
Closed
Waveform at Pin 9
Duty Cycle Adjust (Note 11)
Max
50k
~1.6k
10k
3.3nF
Closed
Waveform at Pin 9
Min
~25k
50k
10k
3.3nF
Closed
Waveform at Pin 9
Triangle Waveform Linearity
10k
10k
10k
3.3nF
Closed
Waveform at Pin 3
Total Harmonic Distortion
10k
10k
10k
3.3nF
Closed
Waveform at Pin 2
NOTES:
7. The hi and lo frequencies can be obtained by connecting pin 8 to pin 7 (fHI) and then connecting pin 8 to pin 6 (fLO). Otherwise apply Sweep
Voltage at pin 8 (2/3 VSUPPLY +2V) ≤ VSWEEP ≤ VSUPPLY where VSUPPLY is the total supply voltage. In Figure 5B, pin 8 should vary between
5.3V and 10V with respect to ground.
8. 10V
≤ V+ ≤ 30V, or ±5V ≤ VSUPPLY ≤±15V.
9. Oscillation can be halted by forcing pin 10 to +5V or -5V.
10. Output Amplitude is tested under static conditions by forcing pin 10 to 5V then to -5V.
11. Not tested; for design purposes only.
ICL8038


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ICL8038 Precision Waveform Generator/ Voltage Controlled Oscillator 1  2  3  4  5  More Harris Corporation
TCO-734A Voltage Controlled Crystal Oscillator VCXO 1  List of Unclassifed Manufacturers
GO1515 Voltage Controlled Oscillator 1  2  3  4  Gennum Corporation
V200ML01 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V585ME09 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
VC-700 Voltage Controlled Crystal Oscillator 1  2  3  4  5  More Vectron International, Inc
SMV1679A VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V585ME41 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V175ME10 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V580ME08 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn