Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7667CJA Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7667CJA
Description  Dual Power MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7667CJA Datasheet(HTML) 8 Page - Intersil Corporation

  ICL7667CJA Datasheet HTML 1Page - Intersil Corporation ICL7667CJA Datasheet HTML 2Page - Intersil Corporation ICL7667CJA Datasheet HTML 3Page - Intersil Corporation ICL7667CJA Datasheet HTML 4Page - Intersil Corporation ICL7667CJA Datasheet HTML 5Page - Intersil Corporation ICL7667CJA Datasheet HTML 6Page - Intersil Corporation ICL7667CJA Datasheet HTML 7Page - Intersil Corporation ICL7667CJA Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3-80
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Other Applications
Relay and Lamp Drivers
The ICL7667 is suitable for converting low power TTL or
CMOS signals into high current, high voltage outputs for
relays, lamps and other loads. Unlike many other level
translator/driver ICs, the ICL7667 will both source and sink
current. The continuous output current is limited to 200mA
by the I2R power dissipation in the output FETs.
Charge Pump or Voltage Inverters and Doublers
The low output impedance and wide VCC range of the
ICL7667 make it well suited for charge pump circuits. Figure
13A shows a typical charge pump voltage inverter circuit and
a typical performance curve. A common use of this circuit is
to provide a low current negative supply for analog circuitry
or RS232 drivers. With an input voltage of +15V, this circuit
will deliver 20mA at -12.6V. By increasing the size of the
capacitors, the current capability can be increased and the
voltage loss decreased. The practical range of the input
frequency is 500Hz to 250kHz. As the frequency goes up,
the charge pump capacitors can be made smaller, but the
internal losses in the ICL7667 will rise, reducing the circuit
efficiency.
Figure 14, a voltage doubler, is very similar in both circuitry
and performance. A potential use of Figure 13 would be to
supply the higher voltage needed for EEPROM or EPROM
programming.
Clock Driver
Some microprocessors (such as the CDP68HC05 families)
use a clock signal to control the various LSI peripherals of
the family. The ICL7667s combination of low propagation
delay, high current drive capability and wide voltage swing
make it attractive for this application. Although the ICL7667
is primarily intended for driving power MOSFET gates at
15V, the ICL7667 also works well as a 5V high-speed buffer.
Unlike standard 4000 series CMOS, the ICL7667 uses short
channel length FETs and the ICL7667 is only slightly slower
at 5V than at 15V.
1/2
ICL7667
+15V
10
µF
+
-
IN4001
47
µF
+
-
28.5V
IN4001
1kHz - 250kHz
+15
SQUARE
WAVE
IN TTL
LEVELS
FIGURE 14. VOLTAGE DOUBLER
ICL7667


Similar Part No. - ICL7667CJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667CJA MAXIM-ICL7667CJA Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
More results

Similar Description - ICL7667CJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_V01 Datasheet
26Kb / 3P
   DUAL POWER MOSFET DRIVER
2000
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com