Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7134BKMJI Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL7134BKMJI
Description  14-Bit Multiplying Microprocessor-Compatible D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7134BKMJI Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL7134BKMJI Datasheet HTML 6Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 7Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 8Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 9Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 10Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 11Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 12Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 13Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Digital Section
Two levels of input buffer registers allow loading of data from
an 8-bit or 16-bit data bus. The A0 and A1, pins select one of
four operations: 1) load the LS-buffer register with the data
at inputs D0 to D7; 2) load the MS-buffer register with the
data at inputs D8 to D13; 3) load the DAC register with the
contents of the MS and LS-buffer registers and 4) load the
DAC register directly from the data input pins (See Table 1).
The CS and WR pins must be low to allow data transfers to
occur. When direct loading is selected (CS, WR, A0 and A1
low) the registers are transparent, and the data input pins
control the DAC output directly. The other modes of opera-
tion allow double buffered loading of the DAC from an 8-bit
bus.
These input data pins are also used to program the PROM
under control of the PROG pin. This is done in manufactur-
ing, and for normal operation the PROG pin should be tied to
V+ (+5V).
Applications
GENERAL RECOMMENDATIONS
Grounding
Careful consideration must be given to grounding in any
14-bit accuracy system. The current into the analog ground
point inside the chip varies significantly with the input code
value, and the inevitable resistances between this point and
any external connection pint can lead to significant voltage
drop errors. For this reason, two separate leads are brought
out from this point on the IC, the AGNDF and AGNDS pins.
The varying current should be absorbed through the AGNDF
pin, and the AGNDS pin will then accurately reflect the
voltage on the internal current summing point, as shown in
Figure 7. Thus output signals should be referenced to the
sense pin AGNDS, as shown in the various application
circuits.
Operational Amplifier Selection
To maintain static accuracy, the IOUT potential must be
exactly equal to the AGNDS potential. Thus output amplifier
selection is critical, in particular low input bias current (less
than 2nA), low offset voltage (less than 25
µV) are advisable
if the highest accuracy is needed. Maintaining a low input
offset over a 0V to 10V range also requires that the output
amplifier has a high open loop gain (AVOL > 400k for
effective input offset less than 25
µV).
The reference inverting amplifier used in the bipolar mode
circuit must also be selected carefully. If 14-bit accuracy is
desired without adjustment, low input bias current (less than
1nA), low offset voltage (less than 50
µV), and high gain
(greater than 400k) are recommended. If a fixed reference
voltage is used, the gain requirement can be relaxed. For
highest accuracy (better than 13-bits), and additional
op-amp may be needed to correct for IR drop on the Analog
GROUND line (op-amp A2 in Figure 9). This op-amp should
be selected for low bias current (less than 2nA) and low
offset voltage (less than 50
µV).
The op-amp requirements can be readily met by use of an
ICL7650 chopper stabilized device. For faster setting time,
an HA26XX can be used with an ICL7650 providing
automatic offset null (see A053 applications note for details)
The output amplifier’s non-inverting input should be tied
directly to AGNDS. A bias current compensation resistor is of
limited use since the output impedance at the summing node
depends on the code being converted in an unpredictable
way. If gain adjustment is required, low tempco (approxi-
mately 50ppm/oC) resistors or trim-pots should be selected.
Power Supplies
The V+ (pin 25) power supply should have a low noise level,
and no transients exceeding 7 volts. Note that the absolute
maximum for digital input voltage is V+ +0.3V, therefore V+
must be applied before digital inputs are allowed to go high.
Unused digital inputs must be connected to GND or V+ for
proper operation.
Unipolar Binary Operation (ICL7134U)
The circuit configuration for unipolar mode operation
(ICL7134U) is shown in Figure 8. With positive and negative
VREF values the circuit is capable of two-quadrant
multiplication. The “digital input code/analog output value”
table for unipolar mode is given in Table 2. The Schottky
diode (HP5082-2811 or equivalent) protects IOUT from
TABLE 1. DATA LOADING CONTROLS
CONTROL I/P
ICL7134 OPERATION
A0
A1
CS
WR
X
X
X
1
No Operation, Device Not Selected.
XX
1
X
0
0
0
0
Load All Registers from Data Bus.
0
1
0
0
Load LS Register from Data Bus.
1
0
0
0
Load MS Register from Data Bus.
1
1
0
0
Load DAC Register from MS and LS
Register.
NOTE: Data is latched on LO-HI transition of either WR or CS.
FIGURE 7. GROUND CONNECTIONS
ICL7134


Similar Part No. - ICL7134BKMJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL7134BKMJI

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Analog Devices
AD396 AD-AD396 Datasheet
644Kb / 8P
   uP Compatible Multiplying Quad 14-Bit D/A Converter?
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com