Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2381-1-V-F3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2381-1-V-F3
Description  4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2381-1-V-F3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2381-1-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2381-1-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet PN10801EJ01V0DS
4
PS2381-1
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
15
pF
Transistor
Collector to Emitter Dark
Current
ICEO
IF = 0 mA, VCE = 24 V
100
nA
Coupled
CTR
IF = 5 mA, VCE = 5 V
50
100
400
%
Current Transfer Ratio
(IC/IF)
*1
IF = 1 mA, VCE = 5 V
10
50
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*2
tr
VCC = 5 V, IC = 2 mA, RL = 100
Ω
4
μs
Fall Time
*2
tf
5
*1 CTR rank
CTR rank
CTR (%)
Conditions
W
130 to 260
IF = 5 mA, VCE = 5 V
20 to
IF = 1 mA, VCE = 5 V
L
100 to 300
IF = 5 mA, VCE = 5 V
20 to
IF = 1 mA, VCE = 5 V
M
50 to 150
IF = 5 mA, VCE = 5 V
10 to
IF = 1 mA, VCE = 5 V
N
50 to 400
IF = 5 mA, VCE = 5 V
10 to
IF = 1 mA, VCE = 5 V
*2 Test circuit for switching time
VCC
VOUT
IF
RL = 100
Ω
50
Ω
Input
Output
In monitor
PW = 100 s
Duty cycle = 1/10
μ
90%
10%
tr
td
tf
ts
ton
toff


Similar Part No. - PS2381-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2381-1-V-F3 RENESAS-PS2381-1-V-F3 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
California Eastern Labs
PS2381-1-V-F3 CEL-PS2381-1-V-F3 Datasheet
241Kb / 13P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
More results

Similar Description - PS2381-1-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2381-1 CEL-PS2381-1 Datasheet
241Kb / 13P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com