Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8013 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL8013
Description  1MHz, Four Quadrant Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8013 Datasheet(HTML) 8 Page - Intersil Corporation

  ICL8013 Datasheet HTML 1Page - Intersil Corporation ICL8013 Datasheet HTML 2Page - Intersil Corporation ICL8013 Datasheet HTML 3Page - Intersil Corporation ICL8013 Datasheet HTML 4Page - Intersil Corporation ICL8013 Datasheet HTML 5Page - Intersil Corporation ICL8013 Datasheet HTML 6Page - Intersil Corporation ICL8013 Datasheet HTML 7Page - Intersil Corporation ICL8013 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
ICL8013
Z
INPUT
GAIN
5K
7.5K
710
9
XOS YOS ZOS
4
3
6
1
OUTPUT =
XY
10
CONTROL
VOLTAGE
FIGURE 11. VARIABLE GAIN AMPLIFIER
XOS
YOS
ZOS
V+
V-
20K
20K
20K
FIGURE 12. POTENTIOMETERS FOR TRIMMING OFFSET AND
FEEDTHROUGH
Typical Performance Curves
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. NONLINEARITY vs FREQUENCY
FIGURE 15. FEEDTHROUGH vs FREQUENCY
FREQUENCY (Hz)
PHASE
AMPLITUDE
1K
10K
100K
1M
10M
25
0
5
10
15
20
-50
0
-10
-20
-30
-40
FREQUENCY (Hz)
1K
10K
100K
100
100
10
1
0.1
0.01
Y-INPUT
X-INPUT
FREQUENCY (Hz)
1K
10K
100K
1M
10M
-10
-20
-30
-40
-50
-60
-70
X = 0, Y = 20VP-P
Y = 0, X = 20VP-P
ICL8013


Similar Part No. - ICL8013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL8013BCTX INTERSIL-ICL8013BCTX Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013CCTX INTERSIL-ICL8013CCTX Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
More results

Similar Description - ICL8013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com