Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7673CPA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7673CPA
Description  Automatic Battery Back-Up Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7673CPA Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7673CPA Datasheet HTML 1Page - Intersil Corporation ICL7673CPA Datasheet HTML 2Page - Intersil Corporation ICL7673CPA Datasheet HTML 3Page - Intersil Corporation ICL7673CPA Datasheet HTML 4Page - Intersil Corporation ICL7673CPA Datasheet HTML 5Page - Intersil Corporation ICL7673CPA Datasheet HTML 6Page - Intersil Corporation ICL7673CPA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3-81
TM
FN3183.2
ICL7673
Automatic Battery Back-Up Switch
The Intersil ICL7673 is a monolithic CMOS battery backup
circuit that offers unique performance advantages over
conventional means of switching to a backup supply. The
ICL7673 is intended as a low-cost solution for the switching
of systems between two power supplies; main and battery
backup. The main application is keep-alive-battery power
switching for use in volatile CMOS RAM memory systems
and real time clocks. In many applications this circuit will
represent a low insertion voltage loss between the supplies
and load. This circuit features low current consumption, wide
operating voltage range, and exceptionally low leakage
between inputs. Logic outputs are provided that can be used
to indicate which supply is connected and can also be used
to increase the power switching capability of the circuit by
driving external PNP transistors.
Pinouts
ICL7673 (SOIC, PDIP)
TOP VIEW
ICL7673 (CAN)
TOP VIEW
Features
• Automatically Connects Output to the Greater of Either
Input Supply Voltage
• If Main Power to External Equipment is Lost, Circuit Will
Automatically Connect Battery Backup
• Reconnects Main Power When Restored
• Logic Indicator Signaling Status of Main Power
• Low Impedance Connection Switches
• Low Internal Power Consumption
• Wide Supply Range: . . . . . . . . . . . . . . . . . . . 2.5V to 15V
• Low Leakage Between Inputs
• External Transistors May Be Added if Very Large
Currents Need to Be Switched
Applications
• On Board Battery Backup for Real-Time Clocks,
Timers, or Volatile RAMs
• Over/Under Voltage Detector
• Peak Voltage Detector
•Other Uses:
- Portable Instruments, Portable Telephones, Line
Operated Equipment
Functional Block Diagram
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
ICL7673CPA
0 to 70
8 Ld PDIP8
E8.3
ICL7673CBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7673ITV
25 to 85
8 Ld Metal Can T8.C
VO
VS
SBAR
GDN
1
2
3
4
8
7
6
5
VP
NC
PBAR
NC
VP
PBAR
VS
VO
SBAR
NC
NC
2
4
6
1
3
7
5
8
GND
P1
P2
VS
GND
PBAR
SBAR
VO
+
-
VP
VP > VS, P1 SWITCH ON AND PBAR SWITCH ON
VS > VP, P2 SWITCH ON AND SBAR SWITCH ON
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - ICL7673CPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
logo
Renesas Technology Corp
ICL7673CPA RENESAS-ICL7673CPA Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
Intersil Corporation
ICL7673CPAZ INTERSIL-ICL7673CPAZ Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673CPAZ INTERSIL-ICL7673CPAZ Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
More results

Similar Description - ICL7673CPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com