Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7667CPA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7667CPA
Description  Dual Power MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7667CPA Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7667CPA Datasheet HTML 1Page - Intersil Corporation ICL7667CPA Datasheet HTML 2Page - Intersil Corporation ICL7667CPA Datasheet HTML 3Page - Intersil Corporation ICL7667CPA Datasheet HTML 4Page - Intersil Corporation ICL7667CPA Datasheet HTML 5Page - Intersil Corporation ICL7667CPA Datasheet HTML 6Page - Intersil Corporation ICL7667CPA Datasheet HTML 7Page - Intersil Corporation ICL7667CPA Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-77
peak current capability of the ICL7667 enables it to drive a
1000pF load with a rise time of only 40ns. Because the
output stage impedance is very low, up to 300mA will flow
through the series N-Channel and P-channel output devices
(from VCC to ground) during output transitions. This crossover
current is responsible for a significant portion of the internal
power dissipation of the ICL7667 at high frequencies. It can be
minimized by keeping the rise and fall times of the input to the
ICL7667 below 1
µs.
Application Notes
Although the ICL7667 is simply a dual level-shifting inverter,
there are several areas to which careful attention must be
paid.
Grounding
Since the input and the high current output current paths
both include the ground pin, it is very important to minimize
and common impedance in the ground return. Since the
ICL7667 is an inverter, any common impedance will
generate negative feedback, and will degrade the delay, rise
and fall times. Use a ground plane if possible, or use
separate ground returns for the input and output circuits. To
minimize any common inductance in the ground return,
separate the input and output circuit ground returns as close
to the ICL7667 as is possible.
Bypassing
The rapid charging and discharging of the load capacitance
requires very high current spikes from the power supplies. A
parallel combination of capacitors that has a low impedance
over a wide frequency range should be used. A 4.7
µF
tantalum capacitor in parallel with a low inductance 0.1
µF
capacitor is usually sufficient bypassing.
Output Damping
Ringing is a common problem in any circuit with very fast
rise or fall times. Such ringing will be aggravated by long
inductive lines with capacitive loads. Techniques to reduce
ringing include:
1. Reduce inductance by making printed circuit board traces
as short as possible.
2. Reduce inductance by using a ground plane or by closely
coupling the output lines to their return paths.
3. Use a 10
Ω to 30Ω resistor in series with the output of the
ICL7667. Although this reduces ringing, it will also slightly
increase the rise and fall times.
4. Use good bypassing techniques to prevent supply voltage
ringing.
Power Dissipation
The power dissipation of the ICL7667 has three main
components:
5. Input inverter current loss
6. Output stage crossover current loss
7. Output stage I2R power loss
The sum of the above must stay within the specified limits for
reliable operation.
As noted above, the input inverter current is input voltage
dependent, with an ICC of 0.1mA maximum with a logic 0
input and 6mA maximum with a logic 1 input.
The output stage crowbar current is the current that flows
through the series N-Channel and P-channel devices that
form the output. This current, about 300mA, occurs only
during output transitions. Caution: The inputs should never
be allowed to remain between VIL and VIH since this could
leave the output stage in a high current mode, rapidly
leading to destruction of the device. If only one of the drivers
is being used, be sure to tie the unused input to a ground.
NEVER leave an input floating. The average supply current
drawn by the output stage is frequency dependent, as can
be seen in ICC vs Frequency graph in the Typical
Characteristics Graphs.
The output stage I2R power dissipation is nothing more than
the product of the output current times the voltage drop
across the output device. In addition to the current drawn by
any resistive load, there will be an output current due to the
charging and discharging of the load capacitance. In most
high frequency circuits the current used to charge and
discharge capacitance dominates, and the power dissipation
is approximately
PAC = CVCC
2f
where C = Load Capacitance, f = Frequency
In cases where the load is a power MOSFET and the gate
drive requirement are described in terms of gate charge, the
ICL7667 power dissipation will be
PAC = QGVCCf
where QG = Charge required to switch the gate, in
Coulombs, f = Frequency.
Power MOS Driver Circuits
Power MOS Driver Requirements
Because it has a very high peak current output, the ICL7667
the at driving the gate of power MOS devices. The high
current output is important since it minimizes the time the
power MOS device is in the linear region. Figure 9 is a
typical curve of charge vs gate voltage for a power MOSFET.
The flat region is caused by the Miller capacitance, where
the drain-to-gate capacitance is multiplied by the voltage
gain of the FET. This increase in capacitance occurs while
the power MOSFET is in the linear region and is dissipating
significant amounts of power. The very high current output of
the ICL7667 is able to rapidly overcome this high
capacitance and quickly turns the MOSFET fully on or off.
ICL7667


Similar Part No. - ICL7667CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667CPA MAXIM-ICL7667CPA Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Intersil Corporation
ICL7667CPA INTERSIL-ICL7667CPA Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Renesas Technology Corp
ICL7667CPA RENESAS-ICL7667CPA Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667CPAZ INTERSIL-ICL7667CPAZ Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Renesas Technology Corp
ICL7667CPAZ RENESAS-ICL7667CPAZ Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
More results

Similar Description - ICL7667CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_V01 Datasheet
26Kb / 3P
   DUAL POWER MOSFET DRIVER
2000
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com