Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7665S Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7665S
Description  CMOS Micropower Over/Under Voltage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665S Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7665S Datasheet HTML 1Page - Intersil Corporation ICL7665S Datasheet HTML 2Page - Intersil Corporation ICL7665S Datasheet HTML 3Page - Intersil Corporation ICL7665S Datasheet HTML 4Page - Intersil Corporation ICL7665S Datasheet HTML 5Page - Intersil Corporation ICL7665S Datasheet HTML 6Page - Intersil Corporation ICL7665S Datasheet HTML 7Page - Intersil Corporation ICL7665S Datasheet HTML 8Page - Intersil Corporation ICL7665S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3-63
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18V
Output Voltages OUT1 and OUT2 . . . . . . . . . . . . . . . . . -0.3V to 18V
(with respect to GND) (Note 2)
Output Voltages HYST1 and HYST2 . . . . . . . . . . . . . . -0.3V to +18V
(with respect to V+) (Note 2)
Input Voltages SET1 and SET2 . . . . . (GND -0.3V) to (V+ V- +0.3V)
(Note 2)
Maximum Sink Output OUT1 and OUT2 . . . . . . . . . . . . . . . . . 25mA
Maximum Source Output Current
HYST1 and HYST2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25mA
Operating Conditions
Temperature Range
ICL7665SC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
ICL7665SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
150
N/A
Plastic SOIC Package . . . . . . . . . . . . .
180
N/A
Maximum Junction Temperature (Plastic) . . . . . . . . . . . . . . . .150oC
Maximum Junction Temperature (CERDIP) . . . . . . . . . . . . . . .175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to voltages greater than (V+
+0.3V) or less than (GND - 0.3V) may cause destructive device latchup. For these reasons, it is recommended that no inputs from external
sources not operating from the same power supply be applied to the device before its supply is established, and that in multiple supply systems,
the supply to the ICL7665S be turned on first. If this is not possible, current into inputs and/or outputs must be limited to
±0.5mA and voltages
must not exceed those defined above.
Electrical Specifications
The specifications below are applicable to both the ICL7665S and ICL7665SA. V+ = 5V, TA = 25
oC,
Test Circuit Figure 7. Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
ICL7665S
TA = 25
oC
1.6
-
16
V
0oC
≤ TA ≤ 70oC
1.8
-
16
V
-25oC
≤ TA ≤ 85oC
1.8
-
16
V
ICL7665SA
0oC
≤ TA ≤ 70oC
1.8
-
16
V
-25oC
≤ TA ≤ 85oC
1.8
-
16
V
Supply Current
I+
GND
≤ VSET1, VSET2 ≤ V+, All Outputs Open Circuit
0oC
≤ TA ≤ 70oC
V+ = 2V
-
2.5
10
µA
V+ = 9V
-
2.6
10
µA
V+ = 15V
-
2.9
10
µA
-40oC
≤ TA ≤ 85oC
V+ = 2V
-
2.5
10
µA
V+ = 9V
-
2.6
10
µA
V+ = 15V
-
2.9
10
µA
Input Trip Voltage
VSET1
ICL7665S
1.20
1.30
1.40
V
VSET2
1.20
1.30
1.40
V
VSET1
ICL7665SA
1.275
1.30
1.325
V
VSET2
1.275
1.30
1.325
V
Temperature Coefficient of
VSET
∆VSET
∆T
ICL7665S
-
200
-
ppm
ICL7665SA
-
100
-
ppm
Supply Voltage Sensitivity of
VSET1, VSET2
∆VSET
∆VS
ROUT1, ROUT2, RHYST1, R2HYST2 = 1MΩ,
2V
≤ V+ ≤ 10V
-
0.03
-
%/V
ICL7665S


Similar Part No. - ICL7665S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Renesas Technology Corp
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Intersil Corporation
ICL7665SACBA INTERSIL-ICL7665SACBA Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
ICL7665SACBAZ INTERSIL-ICL7665SACBAZ Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
ICL7665SACBAZA INTERSIL-ICL7665SACBAZA Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
More results

Similar Description - ICL7665S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com