Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7149CPL Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7149CPL
Description  33/4 Digit, Autoranging Multimeter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7149CPL Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7149CPL Datasheet HTML 2Page - Intersil Corporation ICL7149CPL Datasheet HTML 3Page - Intersil Corporation ICL7149CPL Datasheet HTML 4Page - Intersil Corporation ICL7149CPL Datasheet HTML 5Page - Intersil Corporation ICL7149CPL Datasheet HTML 6Page - Intersil Corporation ICL7149CPL Datasheet HTML 7Page - Intersil Corporation ICL7149CPL Datasheet HTML 8Page - Intersil Corporation ICL7149CPL Datasheet HTML 9Page - Intersil Corporation ICL7149CPL Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3-38
Range 1 Deintegrate
At the beginning of the deintegrate cycle, the polarity of the
voltage on the integrator capacitor (CINT) is checked, and
either the DElNT+ or DElNT- is asserted. The integrator
capacitor CINT is then discharged with a current equal to
VREF/RDElNT. The comparator monitors the voltage on CINT.
When the voltage on CINT is reduced to zero (actually to the
VOS of the comparator), the comparator output switches, and
the current count is latched. If the CINT voltage zero-crossing
does not occur before 4000 counts have elapsed, the over-
load flag is set. “OL” (overload) is then displayed on the LCD. If
the latched result is between 360 and 3999, the count is trans-
ferred to the output latches and is displayed. When the count
is less than 360, an underrange has occurred, and the
ICL7139 and ICL7149 then switch to range 2 - the 40V scale.
Range 2
The range 2 measurement begins with an autozero cycle
similar to the one that preceded range 1 integration. Range 2
cycle length however, is one AC line cycle, minus 360 clock
cycles. When performing the range 2 cycle, the signal is inte-
grated for 100 clock cycles, distributed throughout one line
cycle. This is done to maintain good normal mode rejection.
Range 2 sensitivity is ten times greater than range 1 (100 vs
10 clock cycle integration) and the full scale voltage of
range 2 is 40V. The range 2 deintegrate cycle is identical to
the range 1 deintegrate cycle, with the result being displayed
only for readings greater than 360 counts. If the reading is
below 360 counts, the ICL7139 and ICL7149 again asserts
the internal underrange signal and proceeds to range 3.
Range 3
The range 3V or 4V full scale measurement is identical to the
range 2 measurement, except that the input signal is inte-
grated during the full 1000 clock cycles (one line frequency
cycle). The result is displayed if the reading is greater than
360 counts. Underrange is asserted, and a range 4 measure-
ment is performed if the result is below 360 counts.
Range 4
This measurement is similar to the range 1, 2 and 3 mea-
surements, except that the integration period is 10,000 clock
cycles (10 line cycles) long. The result of this measurement
is transferred to the output latches and displayed even if the
reading is less than 360.
Autozero
After finding the first range for which the reading is above
360 counts, the display is updated and an autozero cycle is
entered. The length of the autozero cycle is variable which
results in a fixed measurement period of 24,000 clock cycles
(24 line cycles).
DC Current
Figure 4 shows a simplified block diagram of the analog
section of the ICL7139 and ICL7149 during DC current
measurement. The DC current measurements are very
similar to DC voltage measurements except: 1) The input
voltage is developed by passing the input current through a
0.1
Ω (HI current ranges), or 9.9Ω (LOW current ranges)
+
-
+
-
+
-
TRIPLE
POINT
CAZ
CINT
RDEINT
AZ
DEINT-
DEINT-
VREF
INTEGRATOR
COMPARATOR
TO LOGIC SECTION
6.7V
ANALOG
LOW I
RINTI
INT I
80
µA
CAZ
CINT
RDEINT
AZ
AZ
AZ
COMMON
T
T
DEINT+
DEINT+
V+
V-
T = (INT)(AR)(AZ)
AR = AUTORANGE CHOPPER
AZ = AUTOZERO
INT = INTEGRATE
VREF
9.9
0.1
HIGH I
I
COMMON
FIGURE 4. DETAILED CIRCUIT DIAGRAM FOR DC CURRENT MEASUREMENT
ICL7139, ICL7149


Similar Part No. - ICL7149CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7145 INTERSIL-ICL7145 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7145JCJI INTERSIL-ICL7145JCJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145JIJI INTERSIL-ICL7145JIJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145KCJI INTERSIL-ICL7145KCJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145KIJI INTERSIL-ICL7145KIJI Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7149CPL

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
   Mini Autoranging MultiMeter
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
   Autoranging Mini Multimeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
Good Will Instrument Co...
GDM-906X GWINSTEK-GDM-906X Datasheet
3Mb / 2P
   Digit Measurement Multimeter
logo
TEKTRONIX, INC.
2001 TEKTRONIX-2001 Datasheet
402Kb / 6P
   7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
List of Unclassifed Man...
8808A ETC2-8808A Datasheet
517Kb / 1P
   8808A 5.5 Digit Multimeter
logo
New Japan Radio
NJU9214 NJRC-NJU9214 Datasheet
581Kb / 29P
   4.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com