Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7107RCPL Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7107RCPL
Description  3 1/2 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107RCPL Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7107RCPL Datasheet HTML 1Page - Intersil Corporation ICL7107RCPL Datasheet HTML 2Page - Intersil Corporation ICL7107RCPL Datasheet HTML 3Page - Intersil Corporation ICL7107RCPL Datasheet HTML 4Page - Intersil Corporation ICL7107RCPL Datasheet HTML 5Page - Intersil Corporation ICL7107RCPL Datasheet HTML 6Page - Intersil Corporation ICL7107RCPL Datasheet HTML 7Page - Intersil Corporation ICL7107RCPL Datasheet HTML 8Page - Intersil Corporation ICL7107RCPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN3082.7
DISPLAY DRIVER ICL7107 ONLY
Segment Sinking Current
V+ = 5V, Segment Voltage = 3V
Except Pins 19 and 20
5
8
-
mA
Pin 19 Only
10
16
-
mA
Pin 20 Only
47
-
mA
NOTES:
3. Unless otherwise noted, specifications apply to both the ICL7106 and ICL7107 at TA = 25
oC, fCLOCK = 48kHz. ICL7106 is tested in the circuit
of Figure 1. ICL7107 is tested in the circuit of Figure 2.
4. Back plane drive is in phase with segment drive for “off” segment, 180 degrees out of phase for “on” segment. Frequency is 20 times conversion
rate. Average DC component is less than 50mV.
5. Not tested, guaranteed by design.
6. Sample Tested.
Typical Applications and Test Circuits
FIGURE 1. ICL7106 TEST CIRCUIT AND TYPICAL APPLICATION WITH LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL
SCALE
FIGURE 2. ICL7107 TEST CIRCUIT AND TYPICAL APPLICATION WITH LED DISPLAY COMPONENTS SELECTED FOR 200mV FULL
SCALE
Electrical Specifications
(Note 3) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
9V
ICL7106
C1 = 0.1µF
C2 = 0.47µF
C3 = 0.22µF
C4 = 100pF
C5 = 0.02µF
R1 = 24kΩ
R2 = 47kΩ
R3 = 100kΩ
R4 = 1kΩ
R5 = 1MΩ
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
ICL7107
+5V
-5V
C1 = 0.1µF
C2 = 0.47µF
C3 = 0.22µF
C4 = 100pF
C5 = 0.02µF
R1 = 24kΩ
R2 = 47kΩ
R3 = 100kΩ
R4 = 1kΩ
R5 = 1MΩ
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7107RCPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7107RCPL INTERSIL-ICL7107RCPL Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107RCPL ARTSCHIP-ICL7107RCPL Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7107RCPLZ INTERSIL-ICL7107RCPLZ Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107RCPLZ ARTSCHIP-ICL7107RCPLZ Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
More results

Similar Description - ICL7107RCPL

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
logo
Unisonic Technologies
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7240 UTC-M7240 Datasheet
211Kb / 7P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com