Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7117CPL Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL7117CPL
Description  31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7117CPL Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL7117CPL Datasheet HTML 6Page - Intersil Corporation ICL7117CPL Datasheet HTML 7Page - Intersil Corporation ICL7117CPL Datasheet HTML 8Page - Intersil Corporation ICL7117CPL Datasheet HTML 9Page - Intersil Corporation ICL7117CPL Datasheet HTML 10Page - Intersil Corporation ICL7117CPL Datasheet HTML 11Page - Intersil Corporation ICL7117CPL Datasheet HTML 12Page - Intersil Corporation ICL7117CPL Datasheet HTML 13Page - Intersil Corporation ICL7117CPL Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Typical Applications
The ICL7116 and ICL7117 may be used in a wide variety of
configurations. The circuits which follow show some of the
possibilities, and serve to illustrate the exceptional versatil-
ity of these A/D converters.
The
following
application
notes
contain
very
useful
information on understanding and applying this part and
are available from Intersil Corporation.
Application Notes
NOTE #
DESCRIPTION
AnswerFAX
DOC. #
AN016
“Selecting A/D Converters”
9016
AN017
“The Integrating A/D Converter”
9017
AN018
“Do’s and Don’ts of Applying A/D
Converters”
9018
AN023
“Low Cost Digital Panel Meter Designs”
9023
AN032
“Understanding the Auto-Zero and
Common Mode Performance of the
ICL7136/7/9 Family”
9032
AN046
“Building a Battery-Operated Auto
Ranging DVM with the ICL7106”
9046
AN047
“Games People Play with Intersil’ A/D
Converters,” edited by Peter Bradshaw
9047
AN052
“Tips for Using Single Chip 31/2 Digit A/D
Converters”
9052
Typical Applications
FIGURE 11. ICL7116 USING THE INTERNAL REFERENCE
FIGURE 12. ICL7117 USING THE INTERNAL REFERENCE
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
V+
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
SET VREF
= 100mV
0.1
µF
0.01
µF
1M
100k
1k
22k
IN
+
-
9V
47k
0.22
µF
0.47
µF
TO BACKPLANE
TO DISPLAY
Values shown are for 200mV full scale, 3 readings/sec., floating
supply voltage (9V battery).
+
-
Values shown are for 200mV full scale, 3 readings/sec. IN LO may
be tied to either COMMON for inputs floating with respect to
supplies, or GND for single ended inputs. (See discussion under
Analog COMMON.)
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
V+
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
GND
100pF
SET VREF
= 100mV
0.1
µF
0.01
µF
1M
100k
1k
22k
IN
+
-
47k
0.22
µF
0.47
µF
TO DISPLAY
+5V
-5V
ICL7116, ICL7117


Similar Part No. - ICL7117CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7117CPL MAXIM-ICL7117CPL Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Intersil Corporation
ICL7117CPL INTERSIL-ICL7117CPL Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
ICL7117CPL MAXIM-ICL7117CPL Datasheet
411Kb / 8P
   3쩍 Digit ADCs with Display Hold
2017
More results

Similar Description - ICL7117CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
logo
Renesas Technology Corp
ICL7136 RENESAS-ICL7136 Datasheet
793Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
logo
Intersil Corporation
ICL7136CPL INTERSIL-ICL7136CPL Datasheet
498Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com