Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7107CPL Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7107CPL
Description  3 1/2 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107CPL Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7107CPL Datasheet HTML 1Page - Intersil Corporation ICL7107CPL Datasheet HTML 2Page - Intersil Corporation ICL7107CPL Datasheet HTML 3Page - Intersil Corporation ICL7107CPL Datasheet HTML 4Page - Intersil Corporation ICL7107CPL Datasheet HTML 5Page - Intersil Corporation ICL7107CPL Datasheet HTML 6Page - Intersil Corporation ICL7107CPL Datasheet HTML 7Page - Intersil Corporation ICL7107CPL Datasheet HTML 8Page - Intersil Corporation ICL7107CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN3082.7
Absolute Maximum Ratings
Thermal Information
Supply Voltage
ICL7106, V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
ICL7107, V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V
ICL7107, V- to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V
Analog Input Voltage (Either Input) (Note 1) . . . . . . . . . . . . V+ to V-
Reference Input Voltage (Either Input). . . . . . . . . . . . . . . . . V+ to V-
Clock Input
ICL7106 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TEST to V+
ICL7107 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to V+
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(MQFP - Lead Tips Only)
NOTE: Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
(Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Zero Input Reading
VIN = 0.0V, Full Scale = 200mV
-000.0
±000.0
+000.0
Digital
Reading
Stability (Last Digit) (ICL7106S, ICL7107S
Only)
Fixed Input Voltage (Note 6)
-000.0
±000.0
+000.0
Digital
Reading
Ratiometric Reading
VlN = VREF, VREF = 100mV
999
999/10
00
1000
Digital
Reading
Rollover Error
-VIN = +VlN ≅ 200mV
Difference in Reading for Equal Positive and Negative
Inputs Near Full Scale
-
±0.2
±1
Counts
Linearity
Full Scale = 200mV or Full Scale = 2V Maximum
Deviation from Best Straight Line Fit (Note 5)
-
±0.2
±1
Counts
Common Mode Rejection Ratio
VCM = 1V, VIN = 0V, Full Scale = 200mV (Note 5)
-
50
-
µV/V
Noise
VIN = 0V, Full Scale = 200mV
(Peak-To-Peak Value Not Exceeded 95% of Time)
-15-
µV
Leakage Current Input
VlN = 0 (Note 5)
-
1
10
pA
Zero Reading Drift
VlN = 0, 0
oC To 70oC (Note 5)
-
0.2
1
µV/oC
Scale Factor Temperature Coefficient
VIN = 199mV, 0
oC To 70oC,
(Ext. Ref. 0ppm/×oC) (Note 5)
-
1
5
ppm/oC
End Power Supply Character V+ Supply
Current
VIN = 0 (Does Not Include LED Current for ICL7107)
-
1.0
1.8
mA
End Power Supply Character V- Supply Current
ICL7107 Only
-
0.6
1.8
mA
COMMON Pin Analog Common Voltage
25k
Ω Between Common and
Positive Supply (With Respect to + Supply)
2.4
3.0
3.2
V
Temperature Coefficient of Analog Common
25k
Ω Between Common and
Positive Supply (With Respect to + Supply)
-
80
-
ppm/oC
DISPLAY DRIVER ICL7106 ONLY
Peak-To-Peak Segment Drive Voltage
Peak-To-Peak Backplane Drive Voltage
V+ = to V- = 9V (Note 4)
4
5.5
6
V
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7107CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7107CPL MAXIM-ICL7107CPL Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7107CPL INTERSIL-ICL7107CPL Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
ICL7107CPL INTERSIL-ICL7107CPL Datasheet
6Mb / 180P
   Data Acquisition
logo
ARTSCHIP ELECTRONICS CO...
ICL7107CPL ARTSCHIP-ICL7107CPL Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7107CPL++ MAXIM-ICL7107CPL+ Datasheet
3Mb / 14P
   31?? Digit A/D Converters
2012
More results

Similar Description - ICL7107CPL

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
logo
Unisonic Technologies
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7240 UTC-M7240 Datasheet
211Kb / 7P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com