Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7129 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7129
Description  41/2 Digit LCD, Single-Chip A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7129 Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7129 Datasheet HTML 1Page - Intersil Corporation ICL7129 Datasheet HTML 2Page - Intersil Corporation ICL7129 Datasheet HTML 3Page - Intersil Corporation ICL7129 Datasheet HTML 4Page - Intersil Corporation ICL7129 Datasheet HTML 5Page - Intersil Corporation ICL7129 Datasheet HTML 6Page - Intersil Corporation ICL7129 Datasheet HTML 7Page - Intersil Corporation ICL7129 Datasheet HTML 8Page - Intersil Corporation ICL7129 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3-35
Detailed Description
The ICL7129 is a uniquely designed single chip A/D converter.
It features a new “successive integration” technique to achieve
10
µV resolution on a 200mV full-scale range. To achieve this
resolution a 10:1 improvement in noise performance over
previous monolithic CMOS A/D converters was accomplished.
Previous integrating converters used an external capacitor to
store an offset correction voltage. This technique worked well
but greatly increased the equivalent noise bandwidth of the
converter. The ICL7129 removes this source of error (noise) by
not using an auto-zero capacitor. Offsets are cancelled using
digital techniques instead. Savings in external parts cost are
realized as well as improved noise performance and elimination
of a source of electromagnetic and electrostatic pick-up.
In the overall Functional Block Diagram of the ICL7129 the
heart of this A/D converter is the sequence counter/decoder
which drives the control logic and keeps track of the many
separate phases required for each conversion cycle. The
sequence counter is constantly running and is a separate
counter from the up/down results counter which is activated
only when the integrator is de-integrating. At the end of a con-
version the data remaining in the results counter is latched,
decoded and multiplexed to the liquid crystal display.
The analog section block diagram shown in Figure 1
includes all of the analog switches used to configure the volt-
age sources and amplifiers in the different phases of the
cycle. The input and reference switching schemes are very
similar to those in other less accurate integrating A/D con-
verters. There are 5 basic configurations used in the full con-
version cycle. Figure 2 illustrates a typical waveform on the
integrator output. INT, INT1, and INT2 all refer to the signal
integrate phase where the input voltage is applied to the
integrator amplifier via the buffer amplifier. In this phase, the
integrator ramps over a fixed period of time in a direction
opposite to the polarity of the input voltage.
DE1, DE2, and DE3 are the de-integrate phases where the
reference capacitor is switched in series with the buffer ampli-
fier and the integrator ramps back down to the level it started
from before integrating. However, since the de-integrate phase
can terminate only at a clock pulse transition, there is always a
small overshoot of the integrator past the starting point. The
ICL7129 amplifies this overshoot by 10 and DE2 begins. Simi-
larly DE2’s overshoot is amplified by 10 and DE3 begins. At the
end of DE3 the results counter holds a number with 5
1/
2 digits
of resolution. This was obtained by feeding counts into the
results counter at the 31/2 digit level during DE1, into the 4
1/
2
digit level during DE2 and the 5
1/
2 digit level for DE3. The
effects of offset in the buffer, integrator, and comparator can
now be cancelled by repeating this entire sequence with the
inputs shorted and subtracting the results from the original
reading. For this phase INT2 switch is closed to give the same
common-mode voltage as the measurement cycle. This
assures excellent CMRR. At the end of the cycle the data in the
up/down results counter is accurate to 0.02% of full scale and is
sent to the display driver for decoding and multiplexing.
FIGURE 1. ANALOG BLOCK DIAGRAM
FIGURE 2. INTEGRATOR WAVEFORM FOR NEGATIVE INPUT VOLTAGE SHOWING SUCCESSIVE INTEGRATION PHASES AND
RESIDUE VOLTAGE
+
-
+
-
+
-
+
-
COMPARATOR 1
COMPARATOR 2
INTEGRATOR
100
10
X10
BUFFER
REST, INT2
INT1, INT2
BUFFER
REF HI
REF LO
INT, IN
INT OUT
IN HI
COMMON
IN LO
INT
TO DIGITAL
SECTION
Z1, X10
DE
DE
INT1
CINT
RINT
CREF
DE+
DE-
DE-
DE+
REST X10
DE2 REST X10
DE3
DE1
DE-INTEGRATE
ZERO-INTEGRATE
INT1
INTEGRATE
ZERO-INTEGRATE
AND LATCH
INTEGRATOR
RESIDUE
VOLTAGE
2000
CLOCKS
1000 CLOCKS
10,000 CLOCKS
NOTE: Shaded area greatly expanded
in time and amplitude.
1000 CLOCKS
ICL7129


Similar Part No. - ICL7129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7129 MAXIM-ICL7129 Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
logo
Intersil Corporation
ICL7129 INTERSIL-ICL7129 Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
ICL7129 INTERSIL-ICL7129 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Maxim Integrated Produc...
ICL7129A MAXIM-ICL7129A Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
ICL7129AC/D MAXIM-ICL7129AC/D Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
More results

Similar Description - ICL7129

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
516Kb / 15P
   41/2 Digit, BCD Output, A/D Converter
August 28, 2007
ICL7129 INTERSIL-ICL7129_00 Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
   2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Maxim Integrated Produc...
ICL7129A MAXIM-ICL7129A Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
   41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
logo
Intersil Corporation
ICM7224 INTERSIL-ICM7224 Datasheet
576Kb / 7P
   41/2 Digit LCD Display Counter
logo
NTE Electronics
NTE2050 NTE-NTE2050 Datasheet
26Kb / 4P
   Integrated Circuit 31/2-Digit Single Chip A/D Converter
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com