Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL232MJE Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL232MJE
Description  5V Powered, Dual RS-232 Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL232MJE Datasheet(HTML) 1 Page - Intersil Corporation

  ICL232MJE Datasheet HTML 1Page - Intersil Corporation ICL232MJE Datasheet HTML 2Page - Intersil Corporation ICL232MJE Datasheet HTML 3Page - Intersil Corporation ICL232MJE Datasheet HTML 4Page - Intersil Corporation ICL232MJE Datasheet HTML 5Page - Intersil Corporation ICL232MJE Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TM
June 2001
ICL232
+5V Powered, Dual RS-232 Transmitter/Receiver
File Number
3020.6
Features
• Meets All RS-232C and V.28 Specifications
• Requires Only Single +5V Power Supply
• Onboard Voltage Doubler/Inverter
• Low Power Consumption
•2 Drivers
-
±9V Output Swing for +5V lnput
-300
Ω Power-off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
-30V/
µs Maximum Slew Rate
• 2 Receivers
-
±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
• All Critical Parameters are Guaranteed Over the Entire
Commercial, Industrial and Military Temperature Ranges
Applications
• Any System Requiring RS-232 Communications Port
- Computer - Portable and Mainframe
- Peripheral - Printers and Terminals
- Portable Instrumentation
- Modems
• Dataloggers
Description
The ICL232 is a dual RS-232 transmitter/receiver interface
circuit that meets all ElA RS-232C and V.28 specifications. It
requires a single +5V power supply, and features two
onboard charge pump voltage converters which generate
+10V and -10V supplies from the 5V supply.
The drivers feature true TTL/CMOS input compatibility, slew-
rate-limited output, and 300
Ω power-off source impedance.
The receivers can handle up to +30V, and have a 3k
Ω to 7kΩ
input impedance. The receivers also have hysteresis to
improve noise rejection.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ICL232CPE
0 to 70
16 Ld PDIP
E16.3
ICL232CBE
0 to 70
16 Ld SOIC
M16.3
ICL232lPE
-40 to 85
16 Ld PDIP
E16.3
ICL232lBE
-40 to 85
16 Ld SOIC
M16.3
ICL232MJE
-55 to 125
16 Ld CERDIP
F16.3
Pinout
ICL232 (PDIP, CERDIP, SOIC)
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
+5V
2
16
T1OUT
T2OUT
T1IN
T2IN
11
10
14
7
R1OUT
R1IN
13
12
R2OUT
R2IN
8
9
1
µF
6
+
1
µF
4
5
+
1
µF
1
3
+
1
µF
+
+
1.0
µF
15
VCC
V+
T1
T2
+5V
400k
+5V
400k
R1
5k
R2
5k
+10V TO -10V
VOLTAGE INVERTER
V-
C2+
C2-
+5V TO 10V
VOLTAGE INVERTER
C1+
C1-
itle
L23
b-
t
V
w-
d,
al
-
2
ns-
t-
/Rec
er)
utho
)
ey-
rds
ter-
rpo-
ion)
re-
r()
OCI
O
f-
rk
ge-
de
se-
t-
es
OC-
EW
f-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc. | Copyright © Intersil Americas Inc. 2001


Similar Part No. - ICL232MJE

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL232MJE HARRIS-ICL232MJE Datasheet
41Kb / 5P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232MJE INTERSIL-ICL232MJE Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
ICL232MJE INTERSIL-ICL232MJE Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
More results

Similar Description - ICL232MJE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
   5V Powered Dual RS-232 Transmitter/Receiver
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
   5V-Powered, Multichannel RS-232
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Dallas Semiconductor
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
   Triple RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com