Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU-A2D30 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SU-A2D30
Description  LVDS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SU-A2D30 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SU-A2D30_11 Datasheet HTML 1Page - Nel Frequency Controls,inc SU-A2D30_11 Datasheet HTML 2Page - Nel Frequency Controls,inc SU-A2D30_11 Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
LVDS
SU-A2D30 Series
Description
The SU-A2D30 Series of quartz crystal oscillators provides a LVDS compatible signal.
Features
• Wide frequency range - 350.0MHz to 750.0MHz
• Low noise analog multiplication
• High frequency output eliminates the need for PLL
multiplication
• Stabilities over temperatures as low as ±20ppm
eliminates SAW oscillator temperature problems
• 3.3V and 2.5V version available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• User specified tolerance available
• Cover connected to ground
• High shock resistance, to 1000g
• COTS/Dual use
Electrical Connection
Pin
Connection
1
Enable
2
N/C
3
Ground
4
Q Output
5
/Q Output
6
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0547B
Rev. L


Similar Part No. - SU-A2D30_11

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-A2D30-FREQ NEL-SU-A2D30-FREQ Datasheet
145Kb / 2P
   LVDS
More results

Similar Description - SU-A2D30_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Nel Frequency Controls,...
PJ-B2D00 NEL-PJ-B2D00_10 Datasheet
155Kb / 3P
   LVDS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Nel Frequency Controls,...
SK-B2D00 NEL-SK-B2D00_10 Datasheet
100Kb / 3P
   LVDS
SR-A2D20 NEL-SR-A2D20 Datasheet
82Kb / 3P
   LVDS
SU-A2D10 NEL-SU-A2D10_12 Datasheet
138Kb / 3P
   LVDS
SK-A2D00 NEL-SK-A2D00_10 Datasheet
100Kb / 3P
   LVDS
PJ-A2D00 NEL-PJ-A2D00_10 Datasheet
155Kb / 3P
   LVDS
SD-X2D00 NEL-SD-X2D00 Datasheet
196Kb / 3P
   LVDS
SU-A2D30 NEL-SU-A2D30 Datasheet
145Kb / 2P
   LVDS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com