Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR-A2D30 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SR-A2D30
Description  LVDS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SR-A2D30 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SR-A2D30_11 Datasheet HTML 1Page - Nel Frequency Controls,inc SR-A2D30_11 Datasheet HTML 2Page - Nel Frequency Controls,inc SR-A2D30_11 Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
SR-A2D30 Series
Continued
LVDS
Operating Conditions and Output Characteristics (6)
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
250.0MHz
-----
750.0MHz
Sub-harmonic
-----
-----
-----
-45dBc
-40dBc
Harmonic
-----
-----
-----
-----
-10dBc
Duty Cycle
(1)
-----
@ 50% points
45/55%
-----
55/45%
Logic 0
(1)
V
OL
-----
0.925V
-----
-----
Logic 1
(1)
V
OH
-----
-----
-----
1.474V
Differential Voltage
Swing
(1)
V
DIFF-OUT
-----
500mV
700mV
-----
Rise & Fall Time
(1)
tr,tf
20-80%V
O
-----
-----
300 psec
Jitter RMS
(5)
-----
-----
-----
0.3 psec
0.5psec
Jitter Deterministic
-----
-----
-----
6 psec
12 psec
Enable Voltage
(2)
----
with V
EE=0V
-----
-----
0.8V
Disable Voltage
-----
with V
EE=0V
2.0V
-----
-----
Frequency Stability
(3)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
Phase Noise
(4)
-----
@100Hz
-----
-----
-80 dBc/Hz
-----
@1kHz
-----
-----
-115 dBc/Hz
-----
@10kHz
-----
-----
-130 dBc/Hz
-----
@100kHz
-----
-----
-130 dBc/Hz
-----
@1MHz
-----
-----
-135 dBc/Hz
-----
@10MHz
-----
-----
-135 dBc/Hz
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
3.3V±5%
3.135V
3.3V
3.465V
Supply Current
I
CC
-----
0.0 mA
-----
120 mA
Output current
I
O
Low level Output Current
0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Input: Logic High (ECL) - Disables
V
EE or Open - Enables
Load
50 Ohm to V
CC-2V or Thevenin Equivalent, Bias Required
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Footnotes:
1) With load of 100 ohms across differential outputs.
2) Open to Enable pin also enables the output.
3) Standard frequency stability (others available)
4) Phase Noise characterization available. Phase Noise
is frequency dependant, phase noise specification
references a 1.0GHz part.
5) Jitter performance is frequency dependant. Please
contact factory for full Aeroflex characterization.
RMS jitter bandwidth of 12kHz to 20MHz
6) All parameters, unless otherwise specified, are at
nominal conditions, ie: T=25°C, Nominal Vcc &
Nominal load.
Rev. H
CRYSTAL CLOCK OSCILLATORS
SR - A2D3X - FREQ
Package Code
Tolerance/Performance
SR 8 pad 9x14mm SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2.5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 0547A


Similar Part No. - SR-A2D30_11

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SR-A2D30-FREQ NEL-SR-A2D30-FREQ Datasheet
147Kb / 2P
   LVDS
More results

Similar Description - SR-A2D30_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Nel Frequency Controls,...
PJ-B2D00 NEL-PJ-B2D00_10 Datasheet
155Kb / 3P
   LVDS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Nel Frequency Controls,...
SK-B2D00 NEL-SK-B2D00_10 Datasheet
100Kb / 3P
   LVDS
SR-A2D20 NEL-SR-A2D20 Datasheet
82Kb / 3P
   LVDS
SU-A2D10 NEL-SU-A2D10_12 Datasheet
138Kb / 3P
   LVDS
SK-A2D00 NEL-SK-A2D00_10 Datasheet
100Kb / 3P
   LVDS
PJ-A2D00 NEL-PJ-A2D00_10 Datasheet
155Kb / 3P
   LVDS
SD-X2D00 NEL-SD-X2D00 Datasheet
196Kb / 3P
   LVDS
SU-A2D30 NEL-SU-A2D30 Datasheet
145Kb / 2P
   LVDS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com