Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL232 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL232 Datasheet(HTML) 3 Page - Intersil Corporation

  ICL232 Datasheet HTML 1Page - Intersil Corporation ICL232 Datasheet HTML 2Page - Intersil Corporation ICL232 Datasheet HTML 3Page - Intersil Corporation ICL232 Datasheet HTML 4Page - Intersil Corporation ICL232 Datasheet HTML 5Page - Intersil Corporation ICL232 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Test Circuits
FIGURE 1. GENERAL TEST CIRCUIT
FIGURE 2. POWER-OFF SOURCE RESISTANCE
CONFIGURATION
Typical Performance Curves
FIGURE 3. V+, V- OUTPUT IMPEDANCES vs VCC
FIGURE 4. V+, V- OUTPUT VOLTAGES vs LOAD CURRENT
Pin Descriptions
PDIP, CERDIP
SOIC
PIN NAME
DESCRIPTION
1
1
C1+
External capacitor “+” for internal voltage doubler.
2
2
V+
Internally generated +10V (typical) supply.
3
3
C1-
External capacitor “-” for internal voltage doubler.
4
4
C2+
External capacitor “+” internal voltage inverter.
5
5
C2-
External capacitor “-” internal voltage inverter.
6
6
V-
Internally generated -10V (typical) supply.
77
T2OUT
RS-232 Transmitter 2 output
±10V (typical).
88
R2IN
RS-232 Receiver 2 input, with internal 5K pulldown resistor to GND.
9
9
R2out
Receiver 2 TTL/CMOS output.
10
10
T2IN
Transmitter 2 TTL/CMOS input, with internal 400K pullup resistor to VCC.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
+4.5V TO
+5.5V INPUT
3k
T1 OUTPUT
RS-232
±30V INPUT
TTL/CMOS
OUTPUT
TTL/CMOS
INPUT
TTL/CMOS
INPUT
TTL/CMOS
OUTPUT
+
-
1
µF
C3
+
-
1
µF
C1
+
-
1
µF
C2
1
µFC4
3k
T2 OUTPUT
RS-232
±30V INPUT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
T2OUT
T1OUT
VIN = ±2V
A
ROUT =VIN/I
550
500
450
400
350
300
250
200
150
3456
INPUT SUPPLY VOLTAGE VCC (V)
V- SUPPLY
V+ SUPPLY
OPERATING
RANGE
GUARANTEED
TA =25
oC
EXTERNAL SUPPLY LOAD
1k
Ω BETWEEN V+ + GND
OR V- + GND
TRANSMITTER OUTPUT
OPEN CIRCUIT
10
|ILOAD|(mA)
V+ (VCC =4.5V)
V+ (VCC =5V)
V- (VCC =5V)
V- (VCC =4.5V)
TA =25
oC
TRANSMITTER OUTPUTS
OPEN CIRCUIT
9
8
7
6
5
4
3
2
1
0
3
10
9
8
7
6
5
4
ICL232


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1228 +5V Powered Dual RS-232 Transmitter/Receiver 1  Dallas Semiconductor
ICL232 +5V Powered Dual RS-232 Transmitter/Receiver 1  2  3  4  5  Harris Corporation
SP230A +5V Powered Multi-Channel RS-232 Drivers/Receivers 1  2  3  4  5  More Sipex Corporation
HIN230 +5V Powered RS-232 Transmitters/Receivers 1  2  3  4  5  More Intersil Corporation
DS14C202 Low Power +5V Powered EIA/TIA-232 Dual Driver/Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS14C232 Low Power +5V Powered TIA/EIA-232 Dual 1  2  3  4  5  More National Semiconductor (TI)
HIN202 +5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors 1  2  3  4  5  More Intersil Corporation
MAX250 +5V Powered Isolated RS-232 Drivers/Receivers 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn