Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL232 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL232 Datasheet(HTML) 5 Page - Intersil Corporation

  ICL232 Datasheet HTML 1Page - Intersil Corporation ICL232 Datasheet HTML 2Page - Intersil Corporation ICL232 Datasheet HTML 3Page - Intersil Corporation ICL232 Datasheet HTML 4Page - Intersil Corporation ICL232 Datasheet HTML 5Page - Intersil Corporation ICL232 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
300
Ω with ±2V applied to the outputs and VCC =0V.
Receivers
The receiver inputs accept up to
±30V while presenting the
required 3k
Ω to 7kΩ input impedance even it the power is off
(VCC = 0V). The receivers have a typical input threshold of
1.3V which is within the
±3V limits, known as the transition
region, of the RS-232 specification. The receiver output is
0V to VCC. The output will be low whenever the input is
greater than 2.4V and high whenever the input is floating or
driven between +0.8V and -30V. The receivers feature 0.5V
hysteresis to improve noise rejection.
Applications
The ICL232 may be used for all RS-232 data terminal and
communication links. It is particularly useful in applications
where
±12V power supplies are not available for conven-
tional RS-232 interface circuits. The applications presented
represent typical interface configurations.
A simple duplex RS-232 port with CTS/RTS handshaking is
illustrated in Figure 10. Fixed output signals such as DTR
(data terminal ready) and DSRS (data signaling rate select)
is generated by driving them through a 5k
Ω resistor
connected to V+.
In applications requiring four RS-232 inputs and outputs
(Figure 11), note that each circuit requires two charge pump
capacitors (C1 and C2) but can share common reservoir
capacitors (C3 and C4). The benefit of sharing common res-
ervoir capacitors is the elimination of two capacitors and the
reduction of the charge pump source impedance which
effectively increases the output swing of the transmitters.
TOUT
V- < VTOUT <V+
300
400k
TXIN
GND < TXIN <VCC
V-
V+
VCC
FIGURE 7. TRANSMITTER
ROUT
GND < VROUT <VCC
5k
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 8. RECEIVER
T1IN,T2IN
VOH
VOL
tPLH
tPHL
Average Propagation Delay =
tPHL + tPLH
2
OR
R1IN,R2IN
T1OUT,T2OUT
OR
R1OUT,R2OUT
FIGURE 9. PROPAGATION DELAY DEFINITION
-
+
-
+
-
+
CTR (20) DATA
TERMINAL READY
DSRS (24) DATA
SIGNALING RATE
RS-232
INPUTS AND OUTPUTS
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
SIGNAL GROUND (7)
15
8
13
7
14
16
-
+
6
R2
R1
T2
T1
9
12
10
11
4
5
3
1
ICL232
C1
1
µF
C2
1
µF
TD
RTS
RD
CTS
SELECT
+5V
INPUTS
OUTPUTS
TTL/CMOS
C3
1
µF
C4
1
µF
2
5k
5k
FIGURE 10. SIMPLE DUPLEX RS-232 PORT WITH CTS/RTS
HANDSHAKING
ICL232


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1228 +5V Powered Dual RS-232 Transmitter/Receiver 1  Dallas Semiconductor
ICL232 +5V Powered Dual RS-232 Transmitter/Receiver 1  2  3  4  5  Harris Corporation
SP230A +5V Powered Multi-Channel RS-232 Drivers/Receivers 1  2  3  4  5  More Sipex Corporation
HIN230 +5V Powered RS-232 Transmitters/Receivers 1  2  3  4  5  More Intersil Corporation
DS14C202 Low Power +5V Powered EIA/TIA-232 Dual Driver/Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS14C232 Low Power +5V Powered TIA/EIA-232 Dual 1  2  3  4  5  More National Semiconductor (TI)
HIN202 +5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors 1  2  3  4  5  More Intersil Corporation
MAX250 +5V Powered Isolated RS-232 Drivers/Receivers 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn