Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL232 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL232 Datasheet(HTML) 4 Page - Intersil Corporation

  ICL232 Datasheet HTML 1Page - Intersil Corporation ICL232 Datasheet HTML 2Page - Intersil Corporation ICL232 Datasheet HTML 3Page - Intersil Corporation ICL232 Datasheet HTML 4Page - Intersil Corporation ICL232 Datasheet HTML 5Page - Intersil Corporation ICL232 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Detailed Description
The ICL232 is a dual RS-232 transmitter/receiver powered by
a single +5V power supply which meets all ElA RS232C spec-
ifications and features low power consumption. The functional
diagram illustrates the major elements of the ICL232. The cir-
cuit is divided into three sections: a voltage doubler/inverter,
dual transmitters, and dual receivers Voltage Converter.
An equivalent circuit of the dual charge pump is illustrated in
Figure 5.
The voltage quadrupler contains two charge pumps which use
two phases of an internally generated clock to generate +10V
and -10V. The nominal clock frequency is 16kHz. During
phase one of the clock, capacitor C1 is charged to VCC.
During phase two, the voltage on C1 is added to VCC,
producing a signal across C2 equal to twice VCC.Atthe same
time, C3isalsocharged to 2VCC, and then during phase one,
it is inverted with respect to ground to produce a signal across
C4 equal to -2VCC. The voltage converter accepts input
voltages up to 5.5V. The output impedance of the doubler (V+)
is approximately 200
Ω, and the output impedance of the
inverter (V-) is approximately 450
Ω. Typical graphs are
presented which show the voltage converters output vs input
voltage and output voltages vs load characteristics. The test
circuit (Figure 3) uses 1
µF capacitors for C1-C4, however, the
value is not critical. Increasing the values of C1 and C2 will
lower the output impedance of the voltage doubler and
inverter, and increasing the values of the reservoir capacitors,
C3 and C4, lowers the ripple on the V+ and V- supplies.
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic thresh-
old is about 26% of VCC ,or1.3V for VCC =5V. Alogic 1 at
the input results in a voltage of between -5V and V- at the out-
put, and a logic 0 results in a voltage between +5V and (V+
- 0.6V). Each transmitter input has an internal 400k
Ω pullup
resistor so any unused input can be left unconnected and its
output remains in its low state. The output voltage swing
meets the RS-232C specification of
±5V minimum with the
worst case conditions of: both transmitters driving 3k
Ω mini-
mum load impedance, VCC = 4.5V, and maximum allowable
operating temperature. The transmitters have an internally
limited output slew rate which is less than 30V/
µs. The outputs
are short circuit protected and can be shorted to ground indef-
initely. The powered down output impedance is a minimum of
11
11
T1IN
Transmitter 1 TTL/CMOS input, with internal 400K pullup resistor to VCC.
12
12
R1OUT
Receiver 1 TTL/CMOS output.
13
13
R1IN
RS-232 Receiver 1 input, with internal 5K pulldown resistor to GND.
14
14
T1OUT
RS-232 Transmitter 1 output
±10V (typical).
15
15
GND
Supply Ground.
16
16
VCC
Positive Power Supply +5V
±10%
Pin Descriptions (Continued)
PDIP, CERDIP
SOIC
PIN NAME
DESCRIPTION
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+=2VCC
GND
V- = -(V+)
C1+
C1
-
C2
-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 5. DUAL CHARGE PUMP
T1IN,T2IN
T1OUT,T2OUT
VOH
VOL
tr
tf
90%
10%
Instantaneous
Slew Rate (SR)
=
(0.8) (VOH -VOL)
tr
or
(0.8) (VOL -VOH)
tf
FIGURE 6. SLEW RATE DEFINITION
ICL232


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1228 +5V Powered Dual RS-232 Transmitter/Receiver 1  Dallas Semiconductor
ICL232 +5V Powered Dual RS-232 Transmitter/Receiver 1  2  3  4  5  Harris Corporation
SP230A +5V Powered Multi-Channel RS-232 Drivers/Receivers 1  2  3  4  5  More Sipex Corporation
HIN230 +5V Powered RS-232 Transmitters/Receivers 1  2  3  4  5  More Intersil Corporation
DS14C202 Low Power +5V Powered EIA/TIA-232 Dual Driver/Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS14C232 Low Power +5V Powered TIA/EIA-232 Dual 1  2  3  4  5  More National Semiconductor (TI)
HIN202 +5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors 1  2  3  4  5  More Intersil Corporation
MAX250 +5V Powered Isolated RS-232 Drivers/Receivers 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn