Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC3205GR Datasheet(PDF) 5 Page - NEC

Part No. UPC3205GR
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC3205GR Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet P13541EJ3V0DS00
5
µµµµPC3205GR
ABSOLUTE MAXIMUM RATINGS (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Rating
Unit
Supply Voltage
VCC
6.0
V
Power Dissipation
PD
TA = +85°C
Note
433
mW
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
Note Mounted on 50 mm
× 50 mm × 1.6 mm double epoxy glass board.
RECOMMENDED OPERATING RANGE
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Ambient Temperature
TA
–25
+25
+85
°C
IF Input Level Range
PIF
Vout = 1 VP-P
–45
–25
dBm
Gain Control Voltage Range
VAGC
0.0
VCC
V
ELECTRICAL CHARACTERISTICS (TA = +25°C, VCC = 5 V, Zin = 50
Ω, Zout = 1 kΩ
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
48
65
78
mA
IF Input Frequency
fIF
fIF > fOSC
Note
440
520
MHz
IQ Output Frequency
fIQ
Gcv (@fIQ = 10 MHz)
± 1 dB, Vout = 1 VP-P
PIF = –45 to –25 dBm
Note
0.3
30
MHz
Conversion Gain 1
Gcv1
fIF = 490 MHz, fOSC = 479.5 MHz
VAGC = 0 to 0.5 V
Note
49
53
dB
Conversion Gain 2
Gcv2
fIF = 490 MHz, fOSC = 479.5 MHz, VAGC = 2 V
Note
–44
dB
Conversion Gain 3
Gcv3
fIF = 490 MHz, fOSC = 479.5 MHz
VAGC = 4.5 V to VCC
Note
10
dB
AGC Gain Control Range
GCR
fIF = 490 MHz, fOSC = 479.5 MHz
VAGC = 0.5 to 4.5 V
Note
39
dB
IQ Phase Balance
φ
fIF = 490 MHz, fOSC = 479.5 MHz, Vout = 1 VP-P
PIF = –45 to –25 dBm
Note
–2
0
+2
deg
IQ Amplitude Balance
∆VfIF = 490 MHz, fOSC = 479.5 MHz, Vout = 1 VP-P
PIF = –45 to –25 dBm
Note
–0.5
0
+0.5
dB
Output Voltage
Vout
fIQ = 0.3 to 30 MHz, PIF = –45 to –25 dBm
Note
–1.0
VP-P
Maximum Output Voltage
Voclip
VAGC = 0 to 0.5 V, PIF = –45 to –25 dBm
Note
1.8
VP-P
Note By measurement circuit 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn