Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3232EARUZ-REEL7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3232EARUZ-REEL7
Description  Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3232EARUZ-REEL7 Datasheet(HTML) 2 Page - Analog Devices

  ADM3232EARUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADM3232E
Rev. B | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions..............................5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................8
Circuit Description .......................................................................8
High Baud Rate..............................................................................8
Outline Dimensions ..........................................................................9
Ordering Guide .......................................................................... 10
REVISION HISTORY
4/11—Rev. A to Rev. B
Changes to Features Section and General Description
Section .
............................................................................................... 1
Change to ESD Protection (RS-232 I/O Pins) Parameter,
Table 1 ................................................................................................ 3
Change to ESD Protection on RS-232 Pins Section Heading..... 8
7/08—Rev. 0 to Rev. A
Added 16-Lead SOIC .........................................................Universal
Updated Outline Dimensions ......................................................... 9
Changes to Ordering Guide .......................................................... 10
12/06—Revision 0: Initial Version


Similar Part No. - ADM3232EARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3232EARUZ-REEL7 AD-ADM3232EARUZ-REEL7 Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232EARUZ-REEL7 AD-ADM3232EARUZ-REEL7 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results

Similar Description - ADM3232EARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC396 MICROSEMI-TSC396 Datasheet
1Mb / 6P
   Line Driver/Receiver
logo
Unisonic Technologies
UT3221 UTC-UT3221 Datasheet
267Kb / 10P
   LINE DRIVER/RECEIVER
logo
System Logic Semiconduc...
SL75232 SLS-SL75232 Datasheet
46Kb / 5P
   Line Driver / Receiver
logo
New Japan Radio
NJU6402B NJRC-NJU6402B Datasheet
222Kb / 7P
   RS232C LINE DRIVER/RECEIVER?
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
logo
New Japan Radio
NJU6401B NJRC-NJU6401B Datasheet
223Kb / 7P
   RS232C LINE DRIVER/RECEIVER
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com