Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3070E Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3070E
Description  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3070E Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3070E_15 Datasheet HTML 8Page - Analog Devices ADM3070E_15 Datasheet HTML 9Page - Analog Devices ADM3070E_15 Datasheet HTML 10Page - Analog Devices ADM3070E_15 Datasheet HTML 11Page - Analog Devices ADM3070E_15 Datasheet HTML 12Page - Analog Devices ADM3070E_15 Datasheet HTML 13Page - Analog Devices ADM3070E_15 Datasheet HTML 14Page - Analog Devices ADM3070E_15 Datasheet HTML 15Page - Analog Devices ADM3070E_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 12 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.2
0.5
–40
TEMPERATURE (°C)
–10
20
50
80
1.1
1.0
0.9
0.8
0.7
0.6
110
3.30
3.00
–50
125
TEMPERATURE (°C)
3.25
3.20
3.15
3.10
3.05
–25
0
25
50
75
100
IRO = –1mA
Figure 15. Supply Current vs. Temperature
Figure 18. Receiver Output High Voltage vs. Temperature
03
OUTPUT HIGH VOLTAGE (V)
.5
0.7
0
–50
125
TEMPERATURE (°C)
0.6
0.5
0.4
0.3
0.2
0.1
–25
0
25
50
75
100
IRO = 1mA
0.5
1.0
1.5
2.0
2.5
3.0
–18
0
–16
–14
–12
–10
–8
–6
–4
–2
Figure 16. Output Current vs. Receiver Output High Voltage
Figure 19. Receiver Output Low Voltage vs. Temperature
25
0
03
OUTPUT LOW VOLTAGE (V)
.5
100
0
03
DIFFERENTIAL OUTPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
20
15
10
5
.5
0.5
1.0
1.5
2.0
2.5
3.0
90
80
70
60
50
40
30
20
10
Figure 17. Output Current vs. Receiver Output Low Voltage
Figure 20. Driver Output Current vs. Differential Output Voltage


Similar Part No. - ADM3070E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070EARZ AD-ADM3070EARZ Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070EARZ AD-ADM3070EARZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3070EARZ AD-ADM3070EARZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3070EARZ-REEL7 AD-ADM3070EARZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070EARZ-REEL7 AD-ADM3070EARZ-REEL7 Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
More results

Similar Description - ADM3070E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com