Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1486ARZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1486ARZ1
Description  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486ARZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1486ARZ1 Datasheet HTML 2Page - Analog Devices ADM1486ARZ1 Datasheet HTML 3Page - Analog Devices ADM1486ARZ1 Datasheet HTML 4Page - Analog Devices ADM1486ARZ1 Datasheet HTML 5Page - Analog Devices ADM1486ARZ1 Datasheet HTML 6Page - Analog Devices ADM1486ARZ1 Datasheet HTML 7Page - Analog Devices ADM1486ARZ1 Datasheet HTML 8Page - Analog Devices ADM1486ARZ1 Datasheet HTML 9Page - Analog Devices ADM1486ARZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM1486
Rev. A | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RO
1
RE
2
DE
3
DI
4
VCC
8
B
7
A
6
GND
5
ADM1486
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RO
Receiver Output. When enabled, if A > B by 200 mV, RO = high. If A < B by 200 mV, RO = low.
2
RE
Receiver Output Enable. A low level enables the receiver output, RO. A high level places it in a high impedance
state.
3
DE
Driver Output Enable. A high level enables the driver differential outputs, A and B. A low level places it in a high
impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high, while a logic high on DI forces
A high and B low.
5
GND
Ground Connection, 0 V.
6
A
Noninverting Receiver Input A/Driver Output A.
7
B
Inverting Receiver Input B/Driver Output B.
8
VCC
Power Supply, 5 V ±5%.
Table 5. Transmitting
DE Input
DI Input
B Output
A Output
1
1
0
1
1
0
1
0
0
X
Z
Z
Table 6. Receiving
RE
A–B Input
RO Output
0
≥ +0.2 V
1
0
≤ −0.2 V
0
0
Inputs open
1
1
X
Z


Similar Part No. - ADM1486ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486ARZ1 AD-ADM1486ARZ1 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
More results

Similar Description - ADM1486ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com