Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1486AR-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1486AR-REEL7
Description  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486AR-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1486AR-REEL7 Datasheet HTML 5Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 6Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 7Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 8Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 9Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 10Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 11Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 12Page - Analog Devices ADM1486AR-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM1486
Rev. A | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT VOLTAGE (V)
35
30
25
20
10
15
0
5
0
0.50
0.25
1.00
0.75
1.50
1.75
1.25
2.00
Figure 13. Output Current vs. Receiver Output Low Voltage
OUTPUT VOLTAGE (V)
0
–5
–10
–20
–15
–30
–25
3.50
3.75
4.25
4.00
4.50
4.75
5.00
Figure 14. Output Current vs. Receiver Output High Voltage
TEMPERATURE (
°C)
4.75
4.70
4.60
4.65
4.50
4.55
–50
–25
50
25
0
75
100
125
Figure 15. Receiver Output High Voltage vs. Temperature
(I = 8 mA)
TEMPERATURE (
°C)
0.50
0.45
0.25
0.40
0.35
0.30
0.15
0.20
–50
–25
50
25
0
75
100
125
Figure 16. Receiver Output Low Voltage vs. Temperature
(I = 8 mA)
OUTPUT VOLTAGE (V)
80
70
20
60
50
30
40
–10
0
10
0
0.5
2.5
2.0
1.5
1.0
3.5
3.0
4.0
4.5
Figure 17. Output Current vs. Driver Differential Output Voltage
TEMPERATURE (
°C)
3.00
2.95
2.75
2.90
2.80
2.85
2.60
2.65
2.70
–50
25
0
–25
75
50
100
125
Figure 18. Driver Differential Output Voltage vs. Temperature
(RLDIFF = 53.6 Ω)


Similar Part No. - ADM1486AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486AR-REEL7 AD-ADM1486AR-REEL7 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR-REEL7 AD-ADM1486AR-REEL7 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
More results

Similar Description - ADM1486AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com