Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1485 Datasheet(PDF) 11 Page - Analog Devices

Part No. ADM1485
Description  5 V Low Power EIA RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADM1485 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1485_15 Datasheet HTML 3Page - Analog Devices ADM1485_15 Datasheet HTML 4Page - Analog Devices ADM1485_15 Datasheet HTML 5Page - Analog Devices ADM1485_15 Datasheet HTML 6Page - Analog Devices ADM1485_15 Datasheet HTML 7Page - Analog Devices ADM1485_15 Datasheet HTML 8Page - Analog Devices ADM1485_15 Datasheet HTML 9Page - Analog Devices ADM1485_15 Datasheet HTML 10Page - Analog Devices ADM1485_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADM1485
REV. F
–11–
REVISION HISTORY
8/12—Rev. E to Rev. F
Changed Data Rates of Up to 5 Mbps to Typical Data Rates
of 30 Mbps..........................................................................................1
Updated Outline Dimensions .........................................................9
Changes to Ordering Guide ..........................................................10
9/03—Data Sheet changed from REV. D to REV. E.
Change to SPECIFICATIONS.........................................................2
Changes to ORDERING GUIDE ...................................................3
Updated OUTLINE DIMENSIONS ..............................................9
7/03—Data Sheet changed from REV. C to REV. D.
Changes to SPECIFICATIONS ......................................................2
Changes to ABSOLUTE MAXIMUM RATINGS.........................3
Updated ORDERING GUIDE.........................................................3
1/03—Data Sheet changed from REV. B to REV. C.
Change to SPECIFICATIONS.........................................................2
Change to ORDERING GUIDE......................................................3
12/02—Data Sheet changed from REV. A to REV. B.
Deleted Q-8 Package.......................................................... Universal
Edits to FEATURES ..........................................................................1
Edits to GENERAL DESCRIPTION ..............................................1
Edits, additions to SPECIFICATIONS ...........................................2
Edits, additions to ABSOLUTE MAXIMUM RATINGS.............3
Additions to ORDERING GUIDE..................................................3
TPCs updated and reformatted .......................................................5
Addition of 8-Lead MSOP Package ................................................9
Update to OUTLINE DIMENSIONS.............................................9
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00063-0-
8/12(F)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn